Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 29 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 29 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 25Page - Qorvo, Inc ACT72350 Datasheet HTML 26Page - Qorvo, Inc ACT72350 Datasheet HTML 27Page - Qorvo, Inc ACT72350 Datasheet HTML 28Page - Qorvo, Inc ACT72350 Datasheet HTML 29Page - Qorvo, Inc ACT72350 Datasheet HTML 30Page - Qorvo, Inc ACT72350 Datasheet HTML 31Page - Qorvo, Inc ACT72350 Datasheet HTML 32Page - Qorvo, Inc ACT72350 Datasheet HTML 33Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
29 of 97
www.qorvo.com
®
Table 11-2 Medium-Voltage Buck Controller Electrical Characteristics
(VM = 30V, VP = 12V and TJ = 25C unless otherwise specified)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VVSYS
VSYS output voltage accuracy
-3%
5
3%
V
FSW
Switching frequency
-5%
1.33
5%
MHz
IVSYS;LIM
VSYS peak current limit, cycle by cycle
L = 10 uH
465
550
710
mA
IVSYS
VSYS output current
VSYS > 3V
200
mA
VSYS < 2.5V
100
mA
VPOK;VSYS
VSYS power OK threshold
Rising
4.25
4.5
4.75
V
Falling
4.2
V
VSYS power OK blanking delay
10
s
MV-BUCK inductor value
Current rating of at least 750mA
6.8
–
20%
10 +
20%
H
VUVLO;VSYS
VSYS UVLO
Rising
4.5
V
Falling
4.2
V
VOVP;VSYS
VSYS OVP
Rising
5.5
V
Falling
5.2
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com