Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 46 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 46 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 42Page - Qorvo, Inc ACT72350 Datasheet HTML 43Page - Qorvo, Inc ACT72350 Datasheet HTML 44Page - Qorvo, Inc ACT72350 Datasheet HTML 45Page - Qorvo, Inc ACT72350 Datasheet HTML 46Page - Qorvo, Inc ACT72350 Datasheet HTML 47Page - Qorvo, Inc ACT72350 Datasheet HTML 48Page - Qorvo, Inc ACT72350 Datasheet HTML 49Page - Qorvo, Inc ACT72350 Datasheet HTML 50Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
46 of 97
www.qorvo.com
®
Table 12-2 Single-Ended Programmable Gain Amplifier (AMP) Electrical Characteristics (AIO<9:6>)
(VSYS = 5V, VCCIO = 3.3V and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VICMR;AMP
Input common mode range
0
VSYS
V
VOLR;AMP
Output linear range
0.1
VSYS
– 0.1
V
ICC;AMP
Operating supply current
Each enabled amplifier
80
120
A
VOS;AMP
Input offset voltage
Gain = 8x
-10
10
mV
Slew rate
Gain = 1x
10
V/
s
tST;AMP
Settling time
To 1% of final value
400
ns
COUT
Maximum Output Capacitance
External capacitance
30
pF
Imax
Maximum load curent
VOUT=1V, TA = 25°C
1
mA
AV;AMP
Amplifier gain
Gain = 1x
-2
1
2
%
Gain = 2x
2
Gain = 4x
4
Gain = 8x, VAMPx=125mV, TA = 25C
8
Gain = 16x
16
Gain = 32x
32
Gain = 48x
48
Table 12-3 General Purpose Comparator (CMP) Electrical Characteristics (AIO<9:6>)
(TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VICMR;CMP
Input common mode range
0
VSYS
V
ICC;CMP
Operating supply current
Each enabled comparator
35
A
VOS;CMP
Input offset voltage2
-10
10
mV
VHYS;CMP
Hysteresis
22
mV
tDEL;CMP
Comparator delay
1
s
tDELMODE;CMP
Mode change blanking delay2
5
s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com