Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ACT72350 Datasheet(PDF) 48 Page - Qorvo, Inc

Part # ACT72350
Description  160V 3-phase BLDC Motor Driver with Integrated Power Manager and Configurable AFE
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  QORVO [Qorvo, Inc]
Direct Link  https://www.qorvo.com/
Logo QORVO - Qorvo, Inc

ACT72350 Datasheet(HTML) 48 Page - Qorvo, Inc

Back Button ACT72350 Datasheet HTML 44Page - Qorvo, Inc ACT72350 Datasheet HTML 45Page - Qorvo, Inc ACT72350 Datasheet HTML 46Page - Qorvo, Inc ACT72350 Datasheet HTML 47Page - Qorvo, Inc ACT72350 Datasheet HTML 48Page - Qorvo, Inc ACT72350 Datasheet HTML 49Page - Qorvo, Inc ACT72350 Datasheet HTML 50Page - Qorvo, Inc ACT72350 Datasheet HTML 51Page - Qorvo, Inc ACT72350 Datasheet HTML 52Page - Qorvo, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 97 page
background image
ACT72350 Data Sheet
160V 3 Phase BLDC Motor Driver
Data Sheet v1.1, 2025-02-17
Subject to change without notice
48 of 97
www.qorvo.com
®
Table 12-6 Special Mode Electrical Characteristics (AIO6)
(TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VICMR;SPEC
Input common mode range
0
3.6
V
ICC;SPEC6
Operating supply current
60
µA
VINOFF;SPEC6
Input offset voltage
-20
20
mV
IOUT;SPEC6
Output current
2
mA
Table 12-7 Analog Front End (AI/AO) Electrical Characteristics (AI/AO<9:0>)
(TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VAIO
Pin voltage range
0
5
V
VIH;AIO
High-level input voltage
2.2
V
VIL;AIO
Low-level input voltage
0.8
V
RPD;AIO
Pull-down resistance
Input mode
1
MΩ
VOL;AIO
Low-level output voltage
IAIOx=7mA, open-drain output mode
0.3
V
IOL;AIO
Low-level output sink current
VAIOx = 0.4V, open-drain output
mode
6
14
mA
ILK;AIO
High-level output leakage current
VAIOx = 5V, open-drain output mode
0
10
A
Table 12-8 Push Button (PBTN) Electrical Characteristics (AIO6)
(TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VI;PBTN
Input voltage range
0
5
V
VIH;PBTN
High-level input voltage
2.2
V
VIL;PBTN
Low-level input voltage
0.8
V
RPU;PBTN
Pull-up resistance
To 3V, push-button input mode
50
kΩ
Table 12-9 nSLEEP Input (nSLEEP) Electrical Characteristics
(VP = 12V, and TA = -40
C to 125C unless otherwise specified.)
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
VnSLEEP
nSLEEP pin voltage range
0
5
V
VIH_nSLEEP
High-Level input voltage
2.3
V
VIL_nSLEEP
Low-level input voltage
0.8
V
RPU_nSLEEP
nSLEEP pull up resistance
50
KOhms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com