Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 3 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 3 Page - Arm Limited (or its affiliates).

  CORTEX-M33 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
3
Cortex-M33 Components
Processor Core
The processor core provides:
Limited dual-issue of common 16-bit instruction pairs
Single cycle 32×32-bit multiplier
Integer divide unit with support for operand-dependent early termination
Support for interrupted continuable load and store multiple operations
Load and store operations that both support precise bus errors
To support Arm Custom Instruction, the processor core includes an optional
CDE module. This module is used to execute user-defined instructions that work
on general-purpose registers
Security Attribution and Memory Protection
The Cortex-M33 processor supports the Armv8-M Protected Memory System Architecture
(PMSA) that provides programmable support for memory protection using a number of
software controllable regions.
Memory regions can be programmed to generate faults when accessed inappropriately
by unprivileged software reducing the scope of incorrectly written application code.
The architecture includes fault status registers to allow an exception handler to determine
the source of the fault and to apply corrective action or notify the system.
The Cortex-M33 processor also includes optional support for defining memory regions as
Secure or Non- secure, as defined in the Armv8-M security extension, and protecting the
regions from accesses with an inappropriate level of security.
Floating-point Unit
The FPU provides:
Instructions for single-precision (C programming language float type)
data-processing operations
Instructions for double-precision (C double type) load and store operations
Combined multiply-add instructions for increased precision (Fused MAC)
Hardware support for conversion, addition, subtraction, multiplication with optional
accumulate, division, and square-root
Hardware support for denormals and all IEEE Standard 754-2008 rounding modes
32 32-bit single-precision registers or 16 64-bit double-precision registers
Lazy floating-point context save. Automated stacking of floating-point state is delayed
until the ISR attempts to execute a floating-point instruction. This reduces the latency
to enter the ISR and removes floating-point context save for ISRs that do not
use floating-point



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com