Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 5 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 5 Page - Arm Limited (or its affiliates).

  CORTEX-M33 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
ETM
The optional Embedded Trace Macrocell provides instruction-only capabilities when configured.
See the Arm CoreSight ETM-M33 Technical Reference Manual for more information.
Micro Trace Buffer
The MTB provides a simple low-cost execution trace solution for the Cortex-M33 processor.
Trace is written to an SRAM interface, and can be extracted using a dedicated AHB slave
interface (M- AHB) on the processor. The MTB can be controlled by memory mapped registers
in the PPB region or by events generated by the DWT or through the CTI. See the
Arm CoreSight MTB-M33 Technical Reference Manual for more information.
Debug and Trace
Debug and trace components include a configurable Breakpoint Unit (BPU) for implementing
breakpoints, and a configurable DWT unit for implementing watchpoints, data tracing,
and system profiling.
Other debug and trace components include optional ITM for support of printf() style
debugging, using instrumentation trace. Interfaces are suitable for:
Passing on-chip data through a Trace Port Interface Unit (TPIU) to a Trace Port Analyzer
(TPA), including Serial Wire Output (SWO) mode
A ROM table to allow debuggers to determine which components are implemented
in the Cortex-M33 processor
Debugger access to all memory and registers in the system, including access
to memory-mapped devices, access to internal core registers when the core is halted,
and access to debug control registers even when reset is asserted
Interfaces
The processor has various external interfaces.
Code and System AHB Interfaces - Harvard AHB bus architecture supporting
exclusive transactions and security state.
System AHB Interface - The S-AHB interface is used for any instruction fetch
and data access to the memory-mapped SRAM, peripheral, external RAM
and external device, or vendor_SYS regions of the Armv8-M memory map.
Code AHB Interface - The C-AHB interface is used for any instruction fetch
and data access to the code region of the Armv8-M memory map.
External Private Peripheral Bus - The EPPB APB interface enables access
to CoreSight- compatible debug and trace components in a system connected
to the processor.
Secure Attribution Interface - The processor has an interface that connects
to an external Implementation Defined Attribution Unit (IDAU), which enables
your system to set security attributes based on address.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com