Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 4 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 4 Page - Arm Limited (or its affiliates).

  CORTEX-M33 Datasheet HTML 1Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 13 page
background image
4
To support Arm Custom Instructions, the FPU includes an optional floating-point
CDE module. This module is used to execute user-defined instructions that work
on floating-point registers. If the optional FPU is not present, then the optional
floating-point CDE module is not present either
Nested Vectored Interrupt Controller
The Nested Vectored Interrupt Controller (NVIC) is closely integrated with the core
to achieve low-latency interrupt processing.
Functions of the NVIC include:
External interrupts, configurable from 1 to 480 using a contiguous or non-contiguous
mapping. This is configured at implementation
Configurable levels of interrupt priority from 8 to 256. This is configured
at implementation. Dynamic reprioritization of interrupts
Priority grouping. This enables selection of preempting interrupt levels
and non-preempting interrupt levels
Support for tail-chaining and late arrival of interrupts. This enables back-to-backinterrupt
processing without the overhead of state saving and restoration between interrupts
Optional support for the Armv8-M security extension. Secure interrupts can be
prioritized above any Non-secure interrupt
Coprocessor Interface
The Cortex-M33 processor supports an external coprocessor interface which
allows the integration of tightly coupled accelerator hardware with the processor.
The programmers model allows software to communicate with the hardware using
architectural coprocessor instructions.
The external coprocessor interface:
Supports up to eight separate coprocessors, CP0-CP7, depending on your
implementation. The remaining coprocessor numbers, C8-C15, are reserved. CP10
and CP11 are always reserved for hardware floating-point. For more information,
see the Armv8-M Architecture Reference Manual
Supports low-latency data transfer from the processor to and from
the accelerator components
Has a sustained bandwidth up to twice of the processor memory interface
Cross Trigger Interface Unit
The optional CTI enables the debug logic, micro trace buffer (MTB), and ETM to interact
with each other and with other CoreSight components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com