Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 7 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 7 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M33 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 11Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 13 page
background image
7
Instruction
Assembly
Inputs
Outputs
General-purpose registers and NZCV flags
CX1{A}
CX1{A}
Pn,{Rd,}Rd,#imm
Immediate and 1x 32-bit GPR/NZCV {same as output}
1x 32-bit GPR or NZCV
CX2{A}
CX2{A}
Pn,{Rd,}Rd,Rn,#imm
Immediate and 2x 32-bit GPR/NZCV {one same as output}
1x 32-bit GPR or NZCV
CX3{A}
CX3{A}
Pn,{Rd,}Rd,Rn,Rm,#imm
Immediate and 3x 32-bit GPR/NZCV {one same as output}
1x 32-bit GPR or NZCV
CX1D{A}
CX1D{A}
Pn,{Rd,}Rd,#imm
Immediate and 1x 32-bit GPR/NZCV {two same as output}
2x 32-bit GPR
CX2D{A}
CX2D{A}
Pn,{Rd,}Rd,Rn,#imm
Immediate and 2x 32-bit GPR/NZCV {two same as output}
2x 32-bit GPR
CX3D{A}
CX3D{A}
Pn,{Rd,}Rd,Rn,Rm,#imm
Immediate and 3x 32-bit GPR/NZCV {two same as output}
2x 32-bit GPR
Vector registers
VCX1{A}.F
VCX1{A}
.F Pn,{Sd,}Sd,#imm
Immediate and 1x 32-bit fp32 register {same as output}
1x 32-bit fp32 register
VCX2{A}.F
VCX2{A}
.F Pn,{Sd,}Sd,Sd,#imm
Immediate and 2x 32-bit fp32 register {one same as output}
1x 32-bit fp32 register
VCX3{A}.F
VCX3{A}
.F Pn,{Sd,}Sd,Sn,Sm,#imm Immediate and 3x 32-bit fp32 register {one same as output}
1x 32-bit fp32 register
VCX1{A}.D
VCX1{A}
.D Pn,{Dd,}Dd,#imm
Immediate and 1x 64-bit fp64 register {same as output}
1x 64-bit fp64 register
VCX2{A}.D
VCX2{A}
.D Pn,{Dd,}Dd,Dn,#imm
Immediate and 2x 64-bit fp64 register {one same as output}
1x 64-bit fp64 register
VCX3{A}.D
VCX3{A}
.D Pn,{Dd,}Dd,Dn,Dm,#imm Immediate and 3x 64-bit fp64 register {one same as output}
1x 64-bit fp64 register
VCX1{A}.Q
VCX1{A}
.Q Pn,{Qd,}Qd,#imm
Immediate and 1x 128-bit vector register {same as output}
1x 128-bit vector register
VCX2{A}.Q
VCX2{A}
.Q Pn,{Qd,}Qd,Qn,#imm
Immediate and 2x 128-bit vector register {one same as output}
1x 128-bit vector register
VCX3{A}.Q
VCX3{A}
.Q Pn,{Qd,}Qd,Qn,Qm,#imm Immediate and 3x 128-bit vector register {one same as output}
1x 128-bit vector register
Pn
Coprocessor number
Sd
Destination register (32-bit vector register)
A
Accumulate
Sn, Sm
Input registers (32-bit vector registers)
Rd
Destination register
Dd
Destination register (64-bit vector register)
Rn, Rm
Input registers
Dn, Dm
Input registers (64-bit vector registers)
{ }
Optional
Qd
Destination register (128-bit vector)
#imm
Immediate value
Qn, Qm
Input registers (128-bit vector registers)
Cortex-M33 Pipeline
3-stage pipeline
Early termination of operation completing in DX
Limited dual issue capability
Five x 16-bit instruction queue
Full Harvard memory interface
Figure 3: Cortex-M33
processor pipeline



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com