Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 11 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 11 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 12Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 13Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
11
DMIPS
CoreMark/MHz
1.50
4.02
Configuration
40ULP
Arm SC9 ELVT C40 SSG
0.99V, -40°C
40LP
Arm SC9 RVT C50 SS
0.99V, -40°C
28HT
Arm SC7MC PP140Z SVT
HD C40 SSG 0.81V 0°C
16FFC
Arm SC7P5MC PP96P SVT
C16 SSGNP 0.72V 0°C
Area
mm2
Power
µW/MHz
Area
mm2
Power
µW/MHz
Area
mm2
Power
µW/MHz
Area
mm2
Power
µW/MHz
Minimum
Configuration*
0.026
12.6
0.028
12.0
0.011
5.6
0.008
3.9
Feature Rich with
TrustZone**
0.093
17.1
0.097
17.4
0.039
7.9
0.026
5.4
Max Freq
40LP
Arm 40LP SC12 RVT C50 SS
0.99V, -40°C
28HT
Arm CLN28HT SC9MC PP140Z
SVT C30 HD SSG 0.81V 0°C
16FFC
Arm SC7P5MC PP96P SVT C16
SSGNP 0.72V 0°C
Feature Rich Configuration
with TrustZone**
235 MHz (register to I/O)
614 MHz (register to I/O)
1028 MHz (register to I/O)
Power, Performance and Area
*FPU 0; DSP 0; SECEXT 0; CPIF 0; MPU_NS 0; MPU_S 0; SAU 0; NUMIRQ 1; IRQLVL 3;
IRQLATENCY 4294967295; IRQDIS 0; DBGLVL 0; ITM 0; ETM 0; MTB 0; MTBAWIDTH 0;
WIC 0; WICLINES 0; CTI 0; RAR 0;
**FPU 1; DSP 1; SECEXT 1; CPIF 0; MPU_NS 8; MPU_S 0; SAU 0; NUMIRQ 32; IRQLVL 3;
IRQLATENCY 4294967295; IRQDIS 0; DBGLVL 2; ITM 1; ETM 1; MTB 0; MTBAWIDTH 0;
WIC 1; WICLINES 35; CTI 0; RAR 0;



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com