Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 9 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 9 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 10Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 11Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 12Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 13Page - Arm Limited (or its affiliates).  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
9
Feature
Options
Floating-point
No floating-point
Single-precision floating-point only
DSP extension
No Armv8-M DSP Extension
Armv8-M DSP extension supported, including the following
instruction classes
TrustZone
No TrustZone for Armv8-M
TrustZone for Armv8-M security extension
Non-secure protected
memory regions
0 region, 4 regions, 8 regions, 12 regions, or 16 regions
Secure protected memory
regions
0 region, 4 regions, 8 regions, 12 regions, or 16 regions when
TrustZone is included
Security Attribution Unit
(SAU)
0 region, 4 regions, or 8 regions when TrustZone is included
Interrupts
1-480 interrupts
To support non-contiguous mapping, you can remove
individual interrupts
Number of bits of
interrupt priority
Between three and eight bits of interrupt priority, between 8
and 256 levels of priority implemented
Debug watchpoints and
breakpoints
Minimal debug
No Halting debug or memory and peripheral access
Reduced set
Two data watchpoint comparators and four breakpoint
comparators
Full set
Four data watchpoint comparators and eight breakpoint
comparators
ITM and DWT
functionality
No ITM or DWT trace
Complete ITM and DWT trace
ETM
No ETM support
ETM instruction execution trace
MTB
No MTB support
MTB instruction trace
CTI
No CTI
CTI included
WIC
No WIC controller
WIC controller included
External coprocessor
interface
No support for coprocessor hardware
Support for coprocessor hardware
Arm Custom Instructions
with Custom Datapath
Extension (CDE) modules
on a coprocessor basis
The coprocessor executes instructions and the
CDE modules are not used
The CDE module executes instructions and the
coprocessor is bypassed
Processor Configuration Options
The Cortex-M33 processor has configurable options that you can set during the
implementation and integration stages to match your functional requirements.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com