Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

CORTEX-M33 Datasheet(PDF) 6 Page - Arm Limited (or its affiliates).

Part # CORTEX-M33
Description  Arm Cortex-M33 Processor Datasheet
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ARM [Arm Limited (or its affiliates).]
Direct Link  https://www.arm.com/
Logo ARM - Arm Limited (or its affiliates).

CORTEX-M33 Datasheet(HTML) 6 Page - Arm Limited (or its affiliates).

Back Button CORTEX-M33 Datasheet HTML 2Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 3Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 4Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 5Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 6Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 7Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 8Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 9Page - Arm Limited (or its affiliates). CORTEX-M33 Datasheet HTML 10Page - Arm Limited (or its affiliates). Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 13 page
background image
6
ATB Interfaces - The ATB interfaces output trace data for debugging.
The ATB interfaces are compatible with the CoreSight architecture. See the
Arm CoreSight Architecture Specification v3.0 for more information. The instruction
ATB interface is used by the optional ETM, and the instrumentation ATB interface
is used by the optional ITM.
Micro Trace Buffer Interfaces - The MTB AHB slave interface and SRAM interface
are for the optional CoreSight Micro Trace Buffer.
Coprocessor Interface - The coprocessor interface is designed for closely coupled
external accelerator hardware.
Debug AHB Interface - The D-AHB slave interface allows a debugger access to registers,
memory, and peripherals. The D-AHB interface provides debug access to the processor
and the complete memory map.
Cross Trigger Interface - The processor includes an optional CTI Unit that has an
interface that is suitable for connection to external CoreSight components using a
Cross Trigger Matrix (CTM).
Power Control Interface - The processor optionally supports a number of internal power
domains which can be enabled and disabled using Q-channel interfaces connected to a
Power Management Unit (PMU) in the system.
Arm Custom instructions
Arm introduces two sets of three classes of instruction extension in the coprocessor
instruction space:
Three classes operate on the general-purpose register file, including the condition
code flags NZCV
Three classes operate on the floating-point/SIMD register file only
The three classes are defined by the following instruction patterns:
The destination register or the destination register pair of an instruction might be read,
as well as written (non-accumulator and accumulator variants)
The operation code can be split between a true operation code in the custom datapath
and an immediate value used in the custom datapath
Immediate consequences of the above are:
– No operations on the floating-point registers can set condition codes
– There are no operations using registers from both register files
Operations on the general-purpose register file operate on 32-bit registers, or a
dual-register consisting of a 64-bit value constructed from an even-numbered,
general-purpose register and its immediately following odd pair



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com