Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 163 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 163 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 159Page - STMicroelectronics ST10F272M Datasheet HTML 160Page - STMicroelectronics ST10F272M Datasheet HTML 161Page - STMicroelectronics ST10F272M Datasheet HTML 162Page - STMicroelectronics ST10F272M Datasheet HTML 163Page - STMicroelectronics ST10F272M Datasheet HTML 164Page - STMicroelectronics ST10F272M Datasheet HTML 165Page - STMicroelectronics ST10F272M Datasheet HTML 166Page - STMicroelectronics ST10F272M Datasheet HTML 167Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 163 / 175 page
background image
ST10F272M
Electrical characteristics
163/176
24.8.18
CLKOUT and READY
VDD = 5V ± 10%, VSS = 0V, TA = -40 to + 125°C, CL = 50pF
Table 72.
CLKOUT and READY timings
Symbol
Parameter
fCPU = 40 MHz
TCL = 12.5ns
Variable CPU clock
1/2 TCL = 1 to 40 MHz
Unit
MinMax
MinMax
t29 CC CLKOUT cycle time
25
25
2TCL
2TCL
ns
t30 CC CLKOUT high time
9
–
TCL - 3.5
–
ns
t31 CC CLKOUT low time
10
–
TCL - 2.5
–
ns
t32 CC CLKOUT rise time
–4–4
ns
t33 CC CLKOUT fall time
–4–4
ns
t34 CC CLKOUT rising edge to ALE falling edge
-2 + tA
8 + tA
-2 + tA
8 + tA
ns
t35 SR
Synchronous READY setup time to
CLKOUT
17
–17–
ns
t36 SR
Synchronous READY hold time after
CLKOUT
2–2–
ns
t37 SR Asynchronous READY low time
35
–
2TCL + 10
–
ns
t58 SR Asynchronous READY setup time
(1)
17
–17–
ns
t59 SR Asynchronous READY hold time
(1)
2–2–
ns
t60 SR
Asynchronous READY hold time after RD,
WR high (Demultiplexed Bus)(2)
02tA + tC + tF
02tA + tC + tF
ns
1.
These timings are given for characterization purposes only, in order to assure recognition at a specific clock edge.
2.
Demultiplexed bus is the worst case. For multiplexed bus 2TCL are to be added to the maximum values. This adds even
more time for deactivating READY. 2tA and tC refer to the next following bus cycle, tF refers to the current bus cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com