Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 165 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 165 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 161Page - STMicroelectronics ST10F272M Datasheet HTML 162Page - STMicroelectronics ST10F272M Datasheet HTML 163Page - STMicroelectronics ST10F272M Datasheet HTML 164Page - STMicroelectronics ST10F272M Datasheet HTML 165Page - STMicroelectronics ST10F272M Datasheet HTML 166Page - STMicroelectronics ST10F272M Datasheet HTML 167Page - STMicroelectronics ST10F272M Datasheet HTML 168Page - STMicroelectronics ST10F272M Datasheet HTML 169Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 165 / 175 page
background image
ST10F272M
Electrical characteristics
165/176
24.8.19
External bus arbitration
VDD = 5V ± 10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF
Figure 59.
External bus arbitration (releasing the bus)
1.
The ST10F272M will complete the currently running bus cycle before granting bus access.
2.
This is the first possibility for BREQ to become active.
3.
The CS outputs will be resistive high (pull-up) after t64.
Table 73.
External bus arbitration timings
Symbol
Parameter
fCPU = 40 MHz
TCL = 12.5ns
Variable CPU clock
1/2 TCL = 1 to 40 MHz
Unit
Min
Max
Min
Max
t61 SR
HOLD input setup time
to CLKOUT
18.5
–
18.5
–
ns
t62 CC
CLKOUT to HLDA high
or BREQ low delay
–
12.5
–
12.5
ns
t63 CC
CLKOUT to HLDA low
or BREQ high delay
–
12.5
–
12.5
ns
t64 CC CSx release
(1)
1.
Partially tested, guaranteed by design characterization
–20–
20
ns
t65 CC CSx drive
-415-4
15
ns
t66 CC Other signals release
(1)
–20–
20
ns
t67 CC Other signals drive
-4
15
-4
15
ns
t61
t63
t66
1)
t64
1)
2)
t62
3)
CLKOUT
HOLD
HLDA
BREQ
Others
CSx
(P6.x)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com