Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ST10F272M Datasheet(PDF) 166 Page - STMicroelectronics

Part # ST10F272M
Description  16-bit MCU with 256 Kbyte Flash memory and 20 Kbyte RAM
PDF  175 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

ST10F272M Datasheet(HTML) 166 Page - STMicroelectronics

Back Button ST10F272M Datasheet HTML 162Page - STMicroelectronics ST10F272M Datasheet HTML 163Page - STMicroelectronics ST10F272M Datasheet HTML 164Page - STMicroelectronics ST10F272M Datasheet HTML 165Page - STMicroelectronics ST10F272M Datasheet HTML 166Page - STMicroelectronics ST10F272M Datasheet HTML 167Page - STMicroelectronics ST10F272M Datasheet HTML 168Page - STMicroelectronics ST10F272M Datasheet HTML 169Page - STMicroelectronics ST10F272M Datasheet HTML 170Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 166 / 175 page
background image
Electrical characteristics
ST10F272M
166/176
Figure 60.
External bus arbitration (regaining the bus)
1.
This is the last chance for BREQ to trigger the indicated regain-sequence. Even if BREQ is activated
earlier, the regain-sequence is initiated by HOLD going high. Please note that HOLD may also be
deactivated without the ST10F272M requesting the bus.
2.
The next ST10F272M driven bus cycle may start here.
24.8.20
High-speed synchronous serial interface (SSC) timing
24.8.20.1
Master mode
VDD = 5V ±10%, VSS = 0V, TA = -40 to +125°C, CL = 50pF
CLKOUT
HOLD
HLDA
Other
signals
t62
CSx
(On P6.x)
t67
t62
(1)
(2)
t65
t61
BREQ
t63
t62
Table 74.
SSC master mode timings
Symbol
Parameter
Maximum baudrate
6.6 Mbaud(1)
@fCPU = 40 MHz
(<SSCBR> = 0002h)
Variable baudrate
(<SSCBR> = 0001h - FFFFh)
Unit
Min
Max
Min
Max
t300
CC SSC clock cycle time(2)
150
150
8TCL
262144 TCL
ns
t301
CC SSC clock high time
63
–
t300 / 2 - 12
–
ns
t302
CC SSC clock low time
63
–
t300 / 2 - 12
–
ns
t303
CC SSC clock rise time
–
10
–
10
ns
t304
CC SSC clock fall time
–
10
–
10
ns
t305
CC Write data valid after shift edge
–
15
–
15
ns
t306
CC Write data hold after shift edge(3)
-2–-2
–
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com