Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
18 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
3.6.4. FIFO overflow behavior
A FIFO overflow occurs if the FIFO is full and a new data is written to the FIFO. FIFO full means free space is less than
maximum frame length (9 bytes). In case of overflow the FIFO can either stop recording data or overwrite the oldest data.
The behavior is controlled by register fifo_stop_on_full.
•
Streaming mode, fifo_stop_on_full=’0’:
if the new frame does not fit inside the remaining free space in the FIFO RAM, FIFO will repeatedly delete the
oldest frame until it creates enough space for the new one.
•
FIFO stop-on-full mode, fifo_stop_on_full=’1’:
The newest frame is discarded. Normal operation resumes if the FIFO full condition no longer persists.
3.6.5. FIFO Frames
One data frame is composed of a header and a set of data organize as described in table below.
Table 11: Data frame composition
Bit
7
6
5
4
3
2
1
0
Header
fh_mode[1:0]
fh_param[3:0]
0
0
Data
Data bytes
The number of data bytes is defined by the header.
3.6.5.1. Header Format
Table 12: Header format
fh_mode[1:0]
Definition
fh_param[3:0]
10
Sensor frame
Sensor enable bits
01
Control frame: configuration
error
0001
01
Control frame: FIFO input
configuration change
0010
3.6.5.2. Sensor Frame Format
A sensor frame consists of a header and data bytes
Table 13: Sensor frame format
Bit
7
6
5
4
3
2
1
0
Header
1
0
s
t
0
p
0
0
Data
data bytes
Sensor data in frame is defined by s (time), t (temperature) and p (pressure) sensor enable bits:
•
If s=’1’, the frame corresponds to the sensor-time frame, in that case, t=p=’0’
•
If t=’1’ or/and p=’1’, the frame corresponds to a normal pressure or/and a temperature frame
•
If s=t=p=’0’, the frame corresponds to an empty frame



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com