Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 23 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 23 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 27Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
23 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
3.7.5.2.
FIFO full interrupt
FIFO Full interrupt status is asserted when the full interrupt condition is satisfied, when the filling level of the FIFO
number of unread bytes in the FIFO = fifo_length_1 & fifo_length_0 is equal or higher than 504.
The status of the FIFO full interrupt can be read back through the ffull_int bit. Interrupt status is cleared by reading the ffull_int
bit high ‘1’ when the FIFO filling level is lower than 504.
The FIFO full interrupt is propagated to INT pad only when it is enabled by setting bit ffull_en=‘1’. Latching mode configuration
bit int_latch selects whether the interrupt status or condition is propagated to the INT pad.
Figure 9:FIFO full interrupt, non-latched, with reads from FIFO
Figure 10: FIFO full interrupt, latched, with reads from FIFO
3.7.5.3.
Data ready
Data ready interrupt status int_status.drdy is asserted after a pressure and temperature measurement ends and conversion
results are stored to the data registers and to the FIFO. The status of the interrupt can be read back through the drdy bit.
The data ready interrupt is propagated to INT pad when it is enabled by setting drdy_en=‘1’. Interrupt status is cleared by
reading drdy bit high ‘1’. Data ready INT pad contribution is cleared automatically 2.5 ms after the interrupt assertion in the
non-latched mode (int_latch=’0’).
Corner cases:
•
If data ready interrupt is changed from latched to non-latched mode (int_latched changed from ‘1’ to ‘0’) after the
interrupt was already asserted;
timer is not running and it is not starting during the ongoing measurement, self-clearing does not happen. Timer is
starting when next data ready comes.
•
If data ready is changed to be propagated to INT pad (drdy_int changed from ‘0’ to ‘1’) after the interrupt was
already asserted;
data ready INT pad contribution remains ‘0’ until next data ready interrupt assertion.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com