Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 20 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 20 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 24Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
20 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
3.6.6. Corner cases
3.6.6.1. Under-read
In case the FIFO is under-read (not all frames were taken from the FIFO, but the last frame read was read entirely), the next
readout will continue at the frame that was just about to be sent.
3.6.6.2. Partial frame read
In case the FIFO is under-read and a partial data frame read occurred (not all frames were taken from the FIFO, and the last
frame read was not read entirely), the entire last data frame is repeated upon the next read access.
When fifo_stop_on_full=’0’, the oldest frames are overwritten when new frames are available and the FIFO is full. When this
happens, the partially read data frame is not repeated but the oldest frame available in the RAM is sent instead.
Sensortime frame is not repeated when read only partially, its payload always contains current sensortime counter value.
If the read of the frame is interrupted after two or more bits of the frame’s last byte were already read, then frame is discarded
even though not all bits were read and the frame was read only partially.
3.6.6.3. Over-read
If the burst read continues after all frames have been read out, a sensortime frame is sent after the FIFO becomes empty
during a burst read operation if fifo_time_en=’1’. After that or when FIFO was completely read, the empty frame is returned
as long as the burst read is
active.
3.6.7. FIFO flush conditions
The FIFO can be flushed by issuing either fifo_flush or a softreset in the command register “CMD” (see 4.3.22):
Table 18: fifo_fluch and softreset commands
Value
fifo_flush
0xB0
softreset
0xB6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com