Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 2 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 2 Page - Bosch Sensortec GmbH

  BMP384 Datasheet HTML 1Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 2Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 3Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 4Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 5Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 6Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 7Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 8Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 9Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
2 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
BMP384
Digital pressure sensor
The BMP384 is a digital sensor with pressure and temperature measurement based on proven sensing principles. The sensor
module is housed in an extremely compact 10-pin metal-lid LGA package with a footprint of only 2.0 × 2.0 mm² and max 1.0
mm package height. BMP384 has a gel-filled cavity that allows higher robustness against water, liquids and other chemicals
if the applicable integration concept is used. The sensor alone is not waterproof. Its small dimensions and its low power
consumption of 3.4 µA @1Hz allow the implementation in battery driven devices such as mobile phones, GPS modules or
watches.
Typical applications
•
Vertical velocity indication (e.g. rise/sink speed)
•
Internet of things
•
Enhancement of GPS navigation
(e.g. time-to-first-fix improvement, dead-reckoning, slope detection)
•
Indoor navigation & localization (floor detection, elevator detection)
•
Outdoor navigation, leisure and sports applications
•
Weather forecast
•
Health care applications (e.g. spirometry)
•
Fitness applications like enhancement of calorie detection
•
AR & VR applications
•
Context awareness
Target Devices
•
Vaporization devices
•
Flying toys
•
Drones
•
Wearables
•
Handsets such as mobile phones, tablet PCs, GPS devices
•
Navigation systems
•
Portable health care devices
•
Home weather stations
•
White goods



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com