Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 36 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 36 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 40Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
36 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
4.3.17. Register 0x1C “OSR”
The “OSR” register controls the oversampling settings for pressure and temperature measurements.
Table 41: Register 0x1C “OSR”
4.3.18. Register 0x1D “ODR”
The “ODR” register set the configuration of the output data rates by means of setting the 36ubdivision/subsampling.
Table 42: Register 0x1D “ODR”
Name
Description
Bit 2..0
osr_p
Oversampling setting pressure measurement
000
x1
no oversampling.
001
x2
x2 oversampling.
010
x4
x4 oversampling.
011
x8
x8 oversampling.
100
x16
x16 oversampling.
101
x32
x32 oversampling.
Bit 5..3
osr4_t
Oversampling setting temperature measurement
000
x1
no oversampling
001
x2
x2 oversampling
010
x4
x4 oversampling
011
x8
x8 oversampling
100
x16
x16 oversampling
101
x32
x32 oversampling
Name
Description
Bit 4..0
odr_sel
subdivision factor for pressure and temperature
measurements is 2^value. Allowed values are 0..17.
Other values are saturated at 17.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com