Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 35 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
35 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
4.3.15. Register 0x1A “IF_CONF”
The “IF_CONF” register controls the serial interface settings.
Table 39: Register 0x1A “IF_CONF”
Name
Description
Bit 0
spi3
Configure SPI Interface Mode for primary interface
0
spi4
SPI 4-wire mode
1
spi3
SPI 3-wire mode
Bit 1
i2c_wdt_en
Enable for the I2C Watchdog timer, backed by NVM
0
disabled
Watchdog disabled
1
enabled
Watchdog enabled
Bit 2
i2c_wdt_sel
Select timer period for I2C Watchdog , backed by NVM
0
wdt_short
I2C watchdog timeout after 1.25 ms
1
wdt_long
I2C watchdog timeout after 40 ms
4.3.16. Register 0x1B “PWR_CTRL”
The “PWR_CTRL” register enables or disables pressure and temperature measurement. Although, the measurement mode
can be set here.
Table 40: Register 0x1B “PWR_CTRL”
Name
Description
Bit 0
press_en
0
press_off
Disables the pressure sensor.
1
press_on
Enables the pressure sensor.
Bit 1
temp_en
0
temp_off
Disables the temperature sensor.
1
temp_on
Enables the temperature sensor.
Bit 5..4
mode
00 sleep mode
01/10 forced mode
11 normal mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com