Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP384 Datasheet(PDF) 38 Page - Bosch Sensortec GmbH

Part # BMP384
Description  Digital pressure sensor
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP384 Datasheet(HTML) 38 Page - Bosch Sensortec GmbH

Back Button BMP384 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP384 Datasheet HTML 42Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 58 page
background image
Bosch Sensortec | BMP384 Datasheet
38 | 58
Modifications reserved |Data subject not change without notice | Printed in Germany
Document number: BST-BMP384-DS003-11 Revision_1.0_112020
4.3.20. Register 0x1F “CONFIG”
The “CONFIG” register controls the IIR filter coefficients.
Table 44: Register 0x1F “CONFIG”
Name
Description
Bit 3..1
iir_filter
filter coefficient for IIR filter
000
coef_0
filter coefficient is 0 -> bypass-mode
001
coef_1
filter coefficient is 1
010
coef_3
filter coefficient is 3
011
coef_7
filter coefficient is 7
100
coef_15
filter coefficient is 15
101
coef_31
filter coefficient is 31
110
coef_63
filter coefficient is 63
111
coef_127
filter coefficient is 127
4.3.21. Register 0x30 .. 0x57 “calibration data”
The overview over the calibration data can be found in Chapter 3.11.1.
4.3.22. Register 0x7E “CMD”
The available commands of the “CMD” register are listed below.
Table 45: Register 0x7E “CMD”
Name
Description
Bit 7..0
cmd
All Available commands
(Note: Register will always read as 0x00)
Table 46: available cmd commands listed below
Value
Name
Description
0x00
nop
reserved. No command.
0x34
extmode_en_middle
see extmode_en_last
0xB0
fifo_flush
Clears all data in the FIFO, does not change FIFO_CONFIG
registers
0xB6
softreset
Triggers a reset, all user configuration settings are overwritten
with their default state



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com