Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 24 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 24 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 20Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 21Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 22Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 23Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 24Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 25Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 26Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 27Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 28Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 92 page
background image
Data Sheet
ADBMS1818
IMPROVEMENTS FROM THE LTC6811-1
analog.com
Rev. B | 24 of 92
The ADBMS1818 is an evolution of the LTC6811-1 design. Table 16 summarizes the feature changes and additions in the ADBMS1818.
Table 16.
Additional ADBMS1818 Features
Benefits
Relevant Data Sheet Section(s)
The ADBMS1818 has 3 ADCs operating simultaneously
vs. 2 ADCs on the LTC6811-1.
3 cells can be measured during each conversion cycle.
ADC Operation
In addition to the 3 ADC Digital filters, there is a 4th filter
that is used for redundancy.
Checks that all digital filters are free of faults.
ADC Conversion with Digital Redundancy for a
description and PS, Bits[1:0] in Table 27
Measure Cell 7 with ADC1 and ADC2 simultaneously
and then measure Cell 13 with ADC2 and ADC3
simultaneously using the ADOL command.
Checks that ADC2 is as accurate as ADC1 and also
checks that ADC3 is as accurate as ADC2.
Overlap Cell Measurement (ADOL Command)
A monitoring feature can be enabled during the discharge
timer. Cell balancing can be automatically terminated
when cell voltages reach a programmable undervoltage
threshold.
Improved cell balancing.
Discharge Timer Monitor
The internal discharge MOSFETs can provide 200 mA
of balancing current (80 mA if the die temperature is
over 85°C). The balancing current is independent of cell
voltage.
Faster cell balancing, especially for low cell voltages.
Cell Balancing with Internal MOSFETs
The C0 pin voltage is allowed to range between 0 V and 1
V without affecting the TME.
C0 does not have to connect directly to V–.
ADC DC Specifications
The mute and unmute commands allow the host to turn off
and turn on the discharge pins (S pins) without overwriting
register values.
Greater control of timing between S pins. Turning off and
cell measurements.
S Pin Muting
Auxiliary measurements have an open-wire diagnostic
feature
Improved fault detection.
Auxiliary Open Wire Check (AXOW Command)
Four additional GPIO pins have been added for a total of
nine.
Increased number of temperature or other sensors that
can be measured.
Auxiliary (GPIO) Measurements (ADAX Command) and
Auxiliary Open Wire Check (AXOW Command)
A daisy chain of ADBMS1818s can operate in both
directions (both ports can be a master or slave).
Redundant communication path.
Reversible isoSPI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com