Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 1 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 1 Page - Analog Devices

  ADBMS1818CSWAZ-R7 Datasheet HTML 1Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 2Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 3Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 4Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 5Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 6Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 7Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 8Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 92 page
background image
Data Sheet
ADBMS1818
18-Cell Battery Monitor with Daisy Chain Interface
Rev. B
DOCUMENT FEEDBACK
TECHNICAL SUPPORT
Information furnished by Analog Devices is believed to be accurate and reliable "as is". However, no responsibility is assumed by Analog
Devices for its use, nor for any infringements of patents or other rights of third parties that may result from its use. Specifications subject to
change without notice. No license is granted by implication or otherwise under any patent or patent rights of Analog Devices. Trademarks and
registered trademarks are the property of their respective owners.
FEATURES
►
Measures up to 18 battery cells in series
►
3 mV maximum total measurement error
►
Stackable architecture for high voltage systems
►
Built-in isoSPI interface
►
1 Mb isolated serial communications
►
Uses a single twisted pair, up to 100 meters
►
Low EMI susceptibility and emissions
►
Bidirectional for broken wire protection
►
290 µs to measure all cells in a system
►
Synchronized voltage and current measurement
►
16-bit Δ-Σ ADC with programmable third-order noise filter
►
Passive cell balancing up to 200 mA (maximum) with program-
mable pulse‑width modulation
►
9 general-purpose digital I/O or analog inputs
►
Temperature or other sensor inputs
►
Configurable as an I2C or SPI master
►
6 µA sleep mode supply current
►
64-lead LQFP_EP package
APPLICATIONS
►
Backup battery systems
►
Grid energy storage
►
Residential energy storage
►
UPS
►
High power portable equipment
TYPICAL APPLICATION CIRCUIT
Figure 1. Typical Application Circuit
GENERAL DESCRIPTION
The ADBMS18181 is a multicell battery stack monitor that meas-
ures up to 18 series connected battery cells with a total measure-
ment error (TME) of less than 3.0 mV. The cell measurement range
of 0 V to 5 V makes the ADBMS1818 suitable for most battery
chemistries. All 18 cells can be measured in 290 µs, and lower data
acquisition rates can be selected for high noise reduction.
Multiple ADBMS1818 devices can be connected in series, permit-
ting simultaneous cell monitoring of long, high voltage battery
strings. Each ADBMS1818 has an isoSPI™ interface for high
speed, RF immune, long distance communications. Multiple devi-
ces are connected in a daisy chain with one host processor connec-
tion for all devices. This daisy chain can be operated bidirectionally,
ensuring communication integrity, even in the event of a fault along
the communication path.
The ADBMS1818 can be powered directly from the battery stack or
from an isolated supply. The ADBMS1818 includes passive balanc-
ing for each cell, with individual pulse-width modulation (PWM) duty
cycle control for each cell. Other features include an on-board 5 V
regulator, nine general-purpose I/O lines, and a sleep mode, where
current consumption is reduced to 6 µA.
1 Protected by U.S. patents, including 8,908,779; 9,182,428; and 9,270,133.


Similar Part No. - ADBMS1818CSWAZ-R7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
ADBMS1818ASWZ AD-ADBMS1818ASWZ Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
ADBMS1818ASWZ-R7 AD-ADBMS1818ASWZ-R7 Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
ADBMS1818ASWZ-RL AD-ADBMS1818ASWZ-RL Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
More results

Similar Description - ADBMS1818CSWAZ-R7

ManufacturerPart #DatasheetDescription
logo
White Electronic Design...
WEDPDC3225-B WEDC-WEDPDC3225-B Datasheet
180Kb / 3P
25X32MM Daisy-Chain PBGA
logo
Texas Instruments
BQ76PL102 TI-BQ76PL102 Datasheet
979Kb / 18P
PowerLAN Dual-Cell Li-Ion Battery Monitor With PowerPump Cell Balancing
logo
ON Semiconductor
CM6100 ONSEMI-CM6100 Datasheet
100Kb / 6P
0.4mm Pitch Daisy Chain
May 2010 Rev. 6
logo
ams AG
AS8506C AMSCO-AS8506C Datasheet
996Kb / 94P
Battery Cell Monitor and Balancer IC
logo
Texas Instruments
BQ76920 TI1-BQ76920 Datasheet
1Mb / 63P
15-Series Cell Battery Monitor Family
logo
List of Unclassifed Man...
P3200-C-S-12 ETC2-P3200-C-S-12 Datasheet
672Kb / 2P
Daisy chain or individual placement
logo
STMicroelectronics
EVAL6472H STMICROELECTRONICS-EVAL6472H Datasheet
1Mb / 11P
SPI with daisy chain feature
21-Mar-2012
STEVAL-IKM001V1 STMICROELECTRONICS-STEVAL-IKM001V1 Datasheet
84Kb / 3P
SPI with daisy-chain feature
20-Jan-2014
logo
Linear Technology
LTC6812-1 LINER-LTC6812-1 Datasheet
636Kb / 20P
Daisy Chain isoSPI Battery-Stack Monitor
logo
Analog Devices
ADBMS1818 AD-ADBMS1818 Datasheet
5Mb / 89P
18-Cell Battery Monitor with Daisy Chain Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com