Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 7 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 3Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 4Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 5Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 6Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 7Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 8Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 9Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 10Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 92 page
background image
Data Sheet
ADBMS1818
SPECIFICATIONS
analog.com
Rev. B | 7 of 92
Table 3. (Continued)
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
Watchdog Timer Pin Low (VOL(WDT))
WDT pin sinking 4 mA, apply over the full specified
temperature range
0.4
V
General-Purpose I/O Pin Low (VOL(GPIO))
GPIO pin sinking 4 mA (used as digital output), apply over
the full specified temperature range
0.4
V
1 The active state current is calculated from dc measurements. The active state current is the additional average supply current into VREG when there are continuous 1 MHz
communications on the isoSPI ports with 50% data 1s and 50% data 0s. Slower clock rates reduce the supply current.
ADC TIMING SPECIFICATIONS
Table 4.
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
(tCYCLE) (See Figure 55, Figure 56, and Figure 58)
Measurement and Calibration Cycle Time When
Starting from the REFUP State in Normal Mode
Measure 18 cells, apply over the full specified temperature
range
2027
2343
2488
µs
Measure 3 cells, apply over the full specified temperature range 352
407
432
µs
Measure 18 cells and 2 GPIO inputs, apply over the full
specified temperature range
2717
3140
3335
µs
Measurement and Calibration Cycle Time When
Starting from the REFUP State in Filtered Mode
Measure 18 cells, apply over the full specified temperature
range
174.2
201.3
213.8
ms
Measure 3 cells, apply over the full specified temperature range 29.1
33.6
35.7
ms
Measure 18 cells and 2 GPIO inputs, apply over the full
specified temperature range
232.3
268.5
285.1
ms
Measurement and Calibration Cycle Time When
Starting from the REFUP State in Fast Mode
Measure 18 cells, apply over the full specified temperature
range
970
1121
1191
µs
Measure 3 cells, apply over the full specified temperature range 176
203
215
µs
Measure 18 cells and 2 GPIO inputs, apply over the full
specified temperature range
1307
1511
1605
µs
Skew Time (tSKEW1). The Time Difference
Between Cell 18 and GPIO1 Measurements,
Command = ADCVAX (See Figure 58)
Fast mode, apply over the full specified temperature range
168
194
206
µs
Normal mode, apply over the full specified temperature range
470
543
577
µs
Skew Time(tSKEW2). The Time Difference Between
Cell 18 and Cell 1 Measurements, Command =
ADCV (See Figure 55)
Fast mode, apply over the full specified temperature range
202
233
248
µs
Normal mode, apply over the full specified temperature range
580
670
711
µs
Regulator Start-Up Time (tWAKE)
VREG generated from the DRIVE pin (see Figure 93), apply over
the full specified temperature range
200
400
µs
Watchdog or Discharge Timer (tSLEEP) (See Figure
87)
DTEN pin = 0 or DCTO, Bits[3:0] = 0000, apply over the full
specified temperature range
1.8
2
2.2
sec
DTEN pin = 1 and DCTO, Bits[3:0] ≠ 0000
0.5
120
min
Reference Wake-Up Time (tREFUP (See Figure
55)). Added to tCYCLE Time When Starting from
the Standby State. tREFUP = 0 When Starting from
Other States
tREFUP is independent of the number of channels measured and
the ADC mode, apply over the full specified temperature range
2.7
3.5
4.4
ms
ADC Clock Frequency (fS)
3.3
MHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com