Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 28 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 28 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 24Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 25Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 26Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 27Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 28Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 29Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 30Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 31Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 32Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 28 of 92
ADC Range and Resolution
The C inputs and GPIO inputs have the same range and resolution.
The ADC inside the ADBMS1818 has an approximate range from
–0.82 V to +5.73 V. Negative readings are rounded to 0 V. The
format of the data is a 16-bit unsigned integer where the LSB rep-
resents 100 μV. Therefore, a reading of 0x80E8 (33,000 decimal)
indicates a measurement of 3.3 V.
Δ-Σ ADCs have quantization noise which depends on the input
voltage, especially at low oversampling ratios, such as in fast mode.
In some of the ADC modes, the quantization noise increases as
the input voltage approaches the upper and lower limits of the ADC
range. For example, the total measurement noise vs. input voltage
in normal and filtered modes is shown in Figure 54.
The specified range of the ADC is 0 V to 5 V. In Table 20, the preci-
sion range of the ADC is arbitrarily defined as 0.5 V to 4.5 V. This
range is where the quantization noise is relatively constant even in
the lower OSR modes (see Figure 54). Table 20 summarizes the
total noise in this range for all eight ADC operating modes. Also
shown in Table 20 is the noise free resolution. For example, 14-bit
noise free resolution in normal mode implies that the top 14 bits are
noise free with a dc input, but that the 15th and 16th LSBs flicker.
Figure 54. Measurement Noise vs. Input Voltage
ADC Range vs. Voltage Reference Value
Typical ADCs have a range that is exactly twice the value of
the voltage reference, and the ADC measurement error is directly
proportional to the error in the voltage reference. The ADBMS1818
ADC is not typical.
The absolute value of VREF1 is trimmed up or down to compensate
for gain errors in the ADC. Therefore, the ADC TME specifications
are superior to the VREF1 specifications. For example, the 25°C
specification of the TME when measuring 3.300 V in 7 kHz (normal)
mode is ±3 mV, and the 25°C specification for VREF1 is 3.150 V ±
150 mV.
Measuring Cell Voltages (ADCV Command)
The ADCV command initiates the measurement of the battery cell
inputs, Pin C0 through Pin C18. This command has options to
select the number of channels to measure and the ADC mode. See
the Commands section for the ADCV command format.
Figure 55 shows the timing of the ADCV command that measures
all 18 cells. After the receipt of the ADCV command to measure
all 18 cells, ADC1 sequentially measures the bottom 6 cells. ADC2
measures the middle 6 cells and ADC3 measures the top 6 cells.
After the cell measurements complete, each channel is calibrated to
remove any offset errors.
Table 21 shows the conversion times for the ADCV command
measuring all 18 cells. The total conversion time is given by t6C
which indicates the end of the calibration step.
Figure 56 shows the timing of the ADCV command that measures
only 3 cells.
Table 20. ADC Range and Resolution
Mode
Full Range1
Specified Range
Precision Range2
LSB
Format
Maximum Noise
Noise Free
Resolution3
27 kHz (Fast)
–0.8192 V to
+5.7344 V
0 V to 5 V
0.5 V to 4.5 V
100 μV
Unsigned 16 bits
±4 mV p-p
10 bits
14 kHz
–0.8192 V to
+5.7344 V
0 V to 5 V
0.5 V to 4.5 V
100 μV
Unsigned 16 bits
±1 mV p-p
12 bits
7 kHz (Normal)
–0.8192 V to
+5.7344 V
0 V to 5 V
0.5 V to 4.5 V
100 μV
Unsigned 16 bits
±250 μV p-p
14 bits
3 kHz
–0.8192 V to
+5.7344 V
0 V to 5 V
0.5 V to 4.5 V
100 μV
Unsigned 16 bits
±150 μV p-p
14 bits
2 kHz
–0.8192 V to
+5.7344 V
0 V to 5 V
0.5 V to 4.5 V
100 μV
Unsigned 16 bits
±100 μV p-p
15 bits
1 kHz
–0.8192 V to
+5.7344 V
0 V to 5 V
0.5 V to 4.5 V
100 μV
Unsigned 16 bits
±100 μV p-p
15 bits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com