Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 33 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 33 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 29Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 30Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 31Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 32Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 33Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 34Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 35Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 36Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 37Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 33 of 92
DATA ACQUISITION SYSTEM DIAGNOSTICS
The battery monitoring data acquisition system is comprised of the
multiplexers, ADCs, 1st reference, digital filters, and memory. To
ensure long term reliable performance, there are several diagnostic
commands that can be used to verify the proper operation of these
circuits.
Measuring Internal Device Parameters
(ADSTAT Command)
The ADSTAT command is a diagnostic command that measures
the following internal device parameters: Sum of all cells (SC),
internal die temperature (ITMP), analog power supply (VA), and
digital power supply (VD). These parameters are described in
Sum of All Cells Measurement section, Internal Die Temperature
Measurement section, and Power Supply Measurements section.
All 8 ADC modes described in the ADC Modes section are available
for these conversions. See the Commands section for the ADSTAT
command format. Figure 59 shows the timing of the ADSTAT
command measuring all 4 internal device parameters.
Table 25 shows the conversion time of the ADSTAT command
measuring all 4 internal parameters. t4C indicates the total conver-
sion time for the ADSTAT command.
Figure 59. Timing for ADSTAT Command Measuring SC, ITMP, VA, and VD
Table 25. Conversion and Synchronization Times for ADSTAT Command Measuring SC, ITMP, VA, and VD in Different Modes
Mode
Conversion Times (μs)
Synchronization Time (μs)
t0
t1M
t2M
t3M
t4M
t4C
tSKEW
27 kHz
0
58
104
151
198
742
140
14 kHz
0
87
163
238
314
858
227
7 kHz
0
145
279
413
547
1556
402
3 kHz
0
261
512
762
1012
2022
751
2 kHz
0
494
977
1460
1943
2953
1449
1 kHz
0
960
1908
2857
3805
4814
2845
422 Hz
0
1890
3770
5649
7529
8538
5638
26 Hz
0
29,818
59,624
89,431
119,238
134,211
89,420



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com