Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 35 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 35 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 31Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 32Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 33Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 34Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 35Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 36Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 37Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 38Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 39Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 35 of 92
Table 27. ADC Path Redundancy Selection
Measure
PS, Bits[1:0] = 00
PS, Bits[1:0] = 01
PS, Bits[1:0] = 10
PS, Bits[1:0] = 11
Path Select
Redundant
Measure
Path Select
Redundant
Measure
Path Select
Redundant
Measure
Path Select
Redundant
Measure
Cells 1, 7, 13
ADC1
Cell 1
ADC1
Cell 1
ADC2
Cell 7
ADC3
Cell 13
Cells 2, 8, 14
ADC2
Cell 8
ADC1
Cell 2
ADC2
Cell 8
ADC3
Cell 14
Cells 3, 9, 15
ADC3
Cell 15
ADC1
Cell 3
ADC2
Cell 9
ADC3
Cell 15
Cells 4, 10, 16
ADC1
Cell 4
ADC1
Cell 4
ADC2
Cell 10
ADC3
Cell 16
Cells 5, 11, 17
ADC2
Cell 11
ADC1
Cell 5
ADC2
Cell 11
ADC3
Cell 17
Cells 6, 12, 18
ADC3
Cell 18
ADC1
Cell 6
ADC2
Cell 12
ADC3
Cell 18
Cell 7 (ADOL)
ADC2
Cell 7
ADC1
Cell 7
ADC2
Cell 7
ADC3
N/A 1
Cell 13 (ADOL)
ADC2
Cell 13
ADC1
N/A1
ADC2
Cell 13
ADC3
Cell 13
GPIO[n]2
ADC1
GPIO[n]
ADC1
GPIO[n]
ADC2
N/A1
ADC3
N/A1
2nd Reference2
ADC1
2nd Reference
ADC1
2nd Reference
ADC2
N/A1
ADC3
N/A1
SC2
ADC1
SC
ADC1
SC
ADC2
N/A1
ADC3
N/A1
ITMP2
ADC1
ITMP
ADC1
ITMP
ADC2
N/A1
ADC3
N/A1
VA2
ADC1
VA
ADC1
VA
ADC2
N/A1
ADC3
N/A1
VD 2
ADC1
VD
ADC1
VD
ADC2
N/A1
ADC3
N/A1
1 N/A means not applicable.
2 Note that the ADAX and ADSTAT commands are identical to the ADAXD and ADSTATD commands except that ADAX and ADSTAT do not apply any digital redundancy.
Figure 60. Timing of ADCVSC Command Measuring All 19 Cells, SC
Table 28. Conversion and Synchronization Times for ADCVSC Command in Different Modes
Mode
Conversion Times (μs)
Synchronization
Time (μs)
t0
t1M
t2M
t3M
t4M
t5M
t6M
t7M
t7C
tSKEW
27
kHz
0
58
104
151
205
259
306
352
1331
147
14
kHz
0
87
163
238
321
404
480
556
1534
235
7 kHz 0
145
279
413
554
695
829
963
2756
409
3 kHz 0
261
512
762
1020
1277
1527
1778
3571
758
2 kHz 0
494
977
1460
1950
2441
2924
3407
5200
1456
1 kHz 0
960
1908
2857
3812
4768
5717
6665
8458
2853
422
Hz
0
1890
3770
5649
7536
9423
11,302
13,181
14,974
5645
26 Hz 0
29,818
59,624
89,431
119,245
149,059
178,866
208,672
234,902
89,427



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com