Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADBMS1818CSWAZ-R7 Datasheet(PDF) 47 Page - Analog Devices

Part # ADBMS1818CSWAZ-R7
Description  18-Cell Battery Monitor with Daisy Chain Interface
PDF  92 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADBMS1818CSWAZ-R7 Datasheet(HTML) 47 Page - Analog Devices

Back Button ADBMS1818CSWAZ-R7 Datasheet HTML 43Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 44Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 45Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 46Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 47Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 48Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 49Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 50Page - Analog Devices ADBMS1818CSWAZ-R7 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 92 page
background image
Data Sheet
ADBMS1818
THEORY OF OPERATION
analog.com
Rev. B | 47 of 92
S PIN MUTING
The S pins can be disabled by sending the mute command and
reenabled by sending the unmute command. The mute and un-
mute commands do not require any subsequent data and thus
the commands propagate quickly through a stack of ADBMS1818
devices. This action allows the host to quickly (<100 µs) disable
and reenable discharging without disturbing register contents. This
ability can be useful, for instance, to allow a specific settling time
before taking cell measurements. The mute status is reported in the
read-only MUTE bit in Configuration Register Group B.
SERIAL INTERFACE OVERVIEW
There are two types of serial ports on the ADBMS1818: a standard
4-wire SPI and a 2-wire isoSPI. The state of the ISOMD pin
determines whether Pin 53, Pin 54, Pin 61, and Pin 62 are a 2-wire
or 4-wire serial port.
The ADBMS1818 is used in a daisy-chain configuration.
A second isoSPI uses Pin 57, Pin 58, Pin 63, and Pin 64.
4-WIRE SERIAL PERIPHERAL INTERFACE
(SPI) PHYSICAL LAYER
External Connections
Connecting ISOMD to V– configures serial Port A for 4-wire SPI.
The SDO pin is an open drain output that requires a pull-up resistor
tied to the appropriate supply voltage (see Figure 76).
Figure 76. 4-Wire SPI Configuration
Timing
The 4-wire serial port is configured to operate in an SPI system
using CPHA = 1 and CPOL = 1. Consequently, data on SDI must
be stable during the rising edge of SCK. The timing is depicted in
Figure 77. The maximum data rate is 1 Mbps. However, the device
is tested at a higher data rate in production to guarantee operation
at the maximum specified data rate.
2-WIRE ISOLATED INTERFACE (ISOSPI)
PHYSICAL LAYER
The 2-wire interface provides a means to interconnect ADBMS1818
devices using simple twisted pair cabling. The interface is designed
for low packet error rates when the cabling is subjected to high RF
fields. Isolation is achieved through an external transformer.
Standard SPI signals are encoded into differential pulses. The
strength of the transmission pulse and the threshold level of the re-
ceiver are set by two external resistors. The values of the resistors
allow the user to trade-off power dissipation for noise immunity.
Figure 78 shows how the isoSPI circuit operates. A 2 V reference
drives the IBIAS pin. External resistors RB1 and RB2 create the
reference current, IB. This current sets the drive strength of the
transmitter. RB1 and RB2 also form a voltage divider to supply a
fraction of the 2 V reference for the ICMP pin. The receiver circuit
threshold is half of the voltage at the ICMP pin.
External Connections
The ADBMS1818 has 2 serial ports, Port B and Port A. Port B is
always configured as a 2-wire interface. Port A is either a 2-wire or
4-wire interface, depending on the connection of the ISOMD pin.
When Port A is configured as a 4-wire interface, Port A is always
the slave port and Port B is the master port. Communication is
always initiated on Port A of the first device in the daisy-chain
configuration. The final device in the daisy chain does not use
Port B, and it must be terminated into RM. Figure 79 shows the
simplest port connections possible when the microprocessor and
the ADBMS1818s are located on the same PCB. In Figure 79,
capacitors are used to couple signals between the ADBMS1818s.
When Port A is configured as a 2-wire interface, communication
can be initiated on either Port A or Port B. If communication is
initiated on Port A, ADBMS1818 configures Port A as a slave and
Port B as a master. Likewise, if communication is initiated on Port
B, ADBMS1818 configures Port B as a slave and Port A as a
master. See the Reversible isoSPI section for a detailed description
of the reversible isoSPI.
Figure 80 is an example of a robust interconnection of multiple
identical PCBs, each containing one ADBMS1818 configured for
operation in a daisy chain. The microprocessor is located on a sep-
arate PCB. To achieve 2-wire isolation between the microprocessor
PCB and the 1st ADBMS1818 PCB, use the LTC6820 support IC.
The LTC6820 is functionally equivalent to the diagram in Figure 78.
In this example, communication is initiated on Port A. Therefore, the
ADBMS1818 configures Port A as a slave and Port B as a master.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com