Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 14 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 14 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 10Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 11Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 12Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 13Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 18Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
14 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
3.4.1. Pressure measurement
Pressure measurement can be enabled or skipped. Skipping the measurement could be useful if BMP388 is used as
temperature sensor. When enabled, several oversampling options exist. Each oversampling step reduces noise and
increases the output resolution by one bit, which is stored in the XLSB data register.
Enabling the measurement is selected by press_en bit in “PW_CTRL[0]” register (see 4.3.16). The oversampling setting
osr_p can be configured in “OSR[2:0]” register (see 4.3.17).
Table 6: osr_p settings8
Oversampling setting
osr_p
Pressure
oversampling
Typical pressure
resolution
Recommended
temperature
oversampling
Ultra low power
000
×1
16 bit / 2.64 Pa
×1
Low power
001
×2
17 bit / 1.32 Pa
×1
Standard resolution
010
×4
18 bit / 0.66 Pa
×1
High resolution
011
×8
19 bit / 0.33 Pa
×1
Ultra high resolution
100
×16
20 bit / 0.17 Pa
×2
Highest resolution
101
×32
21 bit / 0.085 Pa
×2
3.4.2. Temperature measurement
Temperature measurement can be enabled or skipped. Skipping the measurement could be useful to measure pressure
extremely rapidly. When enabled, several oversampling options exist. Each oversampling step reduces noise and increases
the output resolution by one bit, which is stored in the XLSB data register. Noise and increases the output resolution by one
bit, which is stored in the XLSB data register.
Enabling the measurement is selected by temp_en bit in “PW_CTRL[1]” register (see 4.3.16). The oversampling setting osr_t
can be configured in “OSR[5:3]” register (see 4.3.17).
Table 7: osrs_t settings
osr_t
Temperature
oversampling
Typical temperature
resolution
000
×1
16 bit / 0.0050 °C
001
×2
17 bit / 0.0025 °C
010
×4
18 bit / 0.0012 °C
011
×8
19 bit / 0.0006 °C
100
×16
20 bit / 0.0003 °C
101
×32
21 bit / 0.00015 °C
It is recommended to base the value of osr_t on the selected value of osrs_p as per Table 5
. Temperature oversampling
above ×2 is possible, but will not significantly improve the accuracy of the pressure output any further. The reason for this is
that the noise of the compensated pressure value depends more on the raw pressure than on the raw temperature noise.
Following the recommended setting will result in an optimal noise-to-power ratio.
8 Resolution of 24 bit e.g. OSR=32x and IIR>=b011



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com