Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 35 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 35 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 39Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
35 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
4.3.13. Register 0x18 “FIFO_CONFIG_2”
The “FIFO_CONFIG_2” register extends the FIFO_CONFIG_1 register.
Table 37: Register 0x18 “FIFO_CONFIG_2”
Name
Description
Bit 2..0
fifo_subsampling
FIFO downsampling selection for pressure and temperature data, factor is
2^fifo_subsampling
Bit 4..3
data_select
for pressure and temperature, select data source
0
unfiltered data (compensated or uncompensated)
1
filtered data (compensated or uncompensated)
11/10
reserved, same as for “unfilt”
4.3.14. Register 0x19 “INT_CTRL”
Interrupt configuration can be set in the “INT_CTRL” register. It affects INT_STATUS registers and the INT pin.
Table 38: Register 0x19 “INT_CTRL”
Name
Description
Bit 0
int_od
Configure output: open-drain or push-pull
0
push-pull
1
open-drain
Bit 1
int_level
level of INT pin
0
active_low
1
active_high
Bit 2
int_latch
Latching of interrupts for INT pin and INT_STATUS register
0
disabled
1
enabled
Bit 3
fwtm_en
enable FIFO watermark reached interrupt for INT pin and INT_STATUS.
0
disabled
1
enabled
Bit 4
ffull_en
enable Fifo full interrupt for INT pin and INT_STATUS
0
disabled
1
enabled
Bit 6
drdy_en
enable temperature / pressure data ready interrupt for INT pin and
INT_STATUS
0
disabled
1
enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com