Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 18 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 18 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 14Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 15Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 22Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
18 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
3.6.
FIFO Description
The BMP388 contains a 512 Bytes FIFO (first-in-first-out) data buffer. To enable data collecting in the FIFO, fifo_mode is set
at ‘1’ and data to be collected are defined through fifo_press_en and fifo_temp_en. The FIFO mode is disabled, when no
writing is defined which according to the following two cases:
•
fifo_mode=’0’
•
fifo_mode=’1’ and fifo_press_en=’0’ and fifo_temp_en=’0’
If the FIFO is disabled when FIFO byte count is greater than 0, no new frame is written to the FIFO, but FIFO is operational:
•
Frames already written in the FIFO remain stored and can be read out
•
FIFO interrupts and their corresponding statuses are still evaluated
•
after all bytes are read out, Sensortime (if enabled) and Empty frames are generated
•
FIFO can be flushed
3.6.1. FIFO input data
Storing of pressure and/or temperature measurement results is enabled by setting fifo_press_en=’1’ and fifo_temp_en=’1’
respectively. Storing of data can be enabled or disabled on a per-channel basis in any combination. Filtered or unfiltered data
are stored to the FIFO; if data_select=”01”, filtered data are stored, otherwise unfiltered data are stored to the FIFO. The
Number of bytes available in FIFO is readable through fifo_length_1<0> (MSBs) and fifo_length_0<7:0> (LSBs) registers.
The FIFO byte count registers fifo_length_0 and fifo_length_1 are updated only when a full frame has been written to FIFO
and is available for read-out. FIFO byte count registers are also updated after each full-frame read from the FIFO.
FIFO byte count registers increment or decrement is equal to frame length; intermediate increments (corresponding to a
partial frame) are not readable.
3.6.2. FIFO data sampling selection
The FIFO input data rate is reduced by selecting a down-sampling factor in register fifo_subsampling. Down-sampling factor
ranges from 1 to 128 and is equal to 2fifo_subsampling. Down-sampling is applied in the normal mode only and is aligned to the
measurement timing grid. Down-sampling counter is reset and data saved to the FIFO at the end of the first measurement
when a transition from sleep mode to normal mode occurs.
3.6.3. FIFO read out
FIFO is read out via fifo_data register. FIFO reads are never blocked, however an ongoing read from the FIFO does not block
writing to the FIFO.
During burst read, the address counter stops incrementing when fifo_data address is reached; this allows a complete reading
of the FIFO content within one burst read transaction.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com