Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 38 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 38 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 37Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 38Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 39Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 40Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 41Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 42Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
38 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
4.3.19. Control settings for odr_sel
Table 43: Control Settings settings for odr_sel
odr_sel
prescaler
Name
Description
Sampling Period
0x00
1
ODR_200
ODR 200Hz
5 ms
0x01
2
ODR_100
ODR 100Hz
10 ms
0x02
4
ODR_50
ODR 50Hz
20 ms
0x03
8
ODR_25
ODR 25Hz
40 ms
0x04
16
ODR_12p5
ODR 25/2Hz
80 ms
0x05
32
ODR_6p25
ODR 25/4Hz
160 ms
0x06
64
ODR_3p1
ODR 25/8Hz
320 ms
0x07
127
ODR_1p5
ODR 25/16Hz
640 ms
0x08
256
ODR_0p78
ODR 25/32Hz
1.280 s
0x09
512
ODR_0p39
ODR 25/64Hz
2.560 s
0x0A
1024
ODR_0p2
ODR 25/128Hz
5.120 s
0x0B
2048
ODR_0p1
ODR 25/256Hz
10.24 s
0x0C
4096
ODR_0p05
ODR 25/512Hz
20.48 s
0x0D
8192
ODR_0p02
ODR 25/1024Hz
40.96 s
0x0E
16384
ODR_0p01
ODR 25/2048Hz
81.92 s
0x0F
32768
ODR_0p006
ODR 25/4096Hz
163.84 s
0x10
65536
ODR_0p003
ODR 25/8192Hz
327.68 s
0x11
131072
ODR_0p0015
ODR 25/16384Hz
655.36 s



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com