Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 27 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 27 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 24Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 25Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 26Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 27Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 28Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 31Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
27 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
3.9.2. Measurement rate in forced mode and normal mode
In both forced mode and normal mode the pressure and temperature measurement duration follow the equation:
������������������������������������������������������������=234µ������������+������������������������������������������������������������_������������������������∙(392µ������������+2������������������������������������_������������∙2000µ������������)+������������������������������������������������_������������������������∙(313µ������������+2������������������������������������_������������∙2000µ������������)
With:
������������������������������������������������������������=totalconversiontimeinµs
������������������������������������������������������������_������������������������=“0”or“1”,dependingofthestatusofthepress_enbit
������������������������������������������������_������������������������=“0”or“1”,dependingofthestatusofthetemp_enbit
2������������������������������������_������������=amountofpressureoversamplingrepetitions
2������������������������������������_������������=amountoftemperatureoversamplingrepetitions
Maximum possible readout frequency in forced mode (typical):
������������������������������������������������= 1
������������������������������������������������������������[µ������������]∙106
Maximum possible readout frequency in normal mode:
������������������������������������_������������������������������������=�������������������������������������2�200������������������������
������������������������������������������������[������������������������]��
������������������������������������������������_������������������������������������������������������������������������_������������������������������������������������=200������������������������
2������������������������������������_������������������������������������
3.10. Data readout from data registers
To read out data after a conversion, it is strongly recommended to use a burst read and not address every register individually.
This will prevent a possible mix-up of bytes belonging to different measurements and reduce interface traffic. Data readout
is done by starting a burst read from register press_xlsb to temp_msb. The data are read out in an unsigned 24-bit format
both for pressure and for temperature.
The timing for data readout in forced mode should be done so that the maximum measurement times (see Sec. 3.9.1) are
respected. In normal mode, readout can be done at a speed similar to the expected data output rate (see Sec. 3.9.2). After
the uncompensated values of temperature and pressure have been read, the actual pressure and temperature need to be
calculated using the compensation parameters stored in the device. The procedure is elaborated in Sec. 3.11.
3.10.1. Data register shadowing
In normal mode, measurement timing is not necessarily synchronized to readout. This means that new measurement results
may become available while the user is reading the results from the previous measurement. In this case, shadowing is
performed in order to guarantee data consistency. Shadowing will only work if all data registers are read in a single burst
read. Therefore, the user must use burst reads if he does not synchronize data readout with the measurement cycle. Using
several independent read commands may result in inconsistent data.
If a new measurement is finished and the data registers are still being read, the new measurement results are transferred
into shadow data registers. The content of shadow registers is transferred into data registers as soon as the user ends the
burst read, even if not all data registers were read. Reading across several data registers can therefore only be guaranteed
to be consistent within one measurement cycle if a single burst read command is used. The end of the burst read is marked
by the rising edge of CSB pin. After the end of the burst read, all user data registers are updated at once.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com