Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 20 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 20 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 16Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 17Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 18Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 19Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 20Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 21Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 22Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 23Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 24Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
20 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
Table 14: Sensor-time frame
Bit
7
6
5
4
3
2
1
0
Header
1
0
1
0
0
0
0
0
Sensor-
time
time_xlsb[7:0]
time_lsb[7:0]
time_msb[7:0]
The data for the sensor-time frame consists of register sensor_time content at the time the sensortime frame transmission
has started. A sensor-time frame is not stored in the FIFO, but append to every FIFO burst read operation after all data has
been transmitted if fifo_time_en=‘1’.
Table 15: Normal pressure and temperature frame
Bit
7
6
5
4
3
2
1
0
Header
1
0
0
1
0
1
0
0
Temp
temp_xlsb[7:0]
temp_lsb[7:0]
temp_msb[7:0]
Press
press_xlsb[7:0]
press_lsb[7:0]
press_msb[7:0]
If one of t and p is ‘0’, the corresponding data is not part of the frame; the frame is therefore reduced to 4 bytes.
A FIFO empty frame is a sensor frame with no sensor enabled. This frame is returned if the last frames was read-out or if
FIFO is empty.
Table 16: FIFO empty frame format
Bit
7
6
5
4
3
2
1
0
Header
1
0
0
0
0
0
0
0
Data
0
0
0
0
0
0
0
0
When a configuration error is detected, a configuration error frame is stored into the FIFO
Table 17: Control frame: configuration error
Bit
7
6
5
4
3
2
1
0
Header
0
1
0
0
0
1
0
0
Opcode
0
0
0
0
0
0
0
1
If FIFO is enabled and a change in registers “FIFO_CONF_2” or “OSR” or “ODR” or “CONFIG” or press_en or temp_en
occurs, a control frame is inserted just before the first sensor frame with new configuration is stored to the FIFO. If multiple
configuration change becomes active at the same time, only one control frame is inserted. Configuration changes are tracked
when the device is in normal mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com