Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

BMP388 Datasheet(PDF) 33 Page - Bosch Sensortec GmbH

Part # BMP388
Description  Digital pressure sensor
PDF  59 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BOSCH [Bosch Sensortec GmbH]
Direct Link  https://www.bosch-sensortec.com
Logo BOSCH - Bosch Sensortec GmbH

BMP388 Datasheet(HTML) 33 Page - Bosch Sensortec GmbH

Back Button BMP388 Datasheet HTML 29Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 30Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 31Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 32Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 33Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 34Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 35Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 36Page - Bosch Sensortec GmbH BMP388 Datasheet HTML 37Page - Bosch Sensortec GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 59 page
background image
Bosch Sensortec | BMP388 Datasheet
33 | 59
Modifications reserved |Data subject to change without notice | Printed in Germany
Document number: BST-BMP388-DS001-07 Revision_1.7_112020
4.3.6. Register 0x0C .. 0x0E Sensor Time
The 24Bit sensor time is split and stored in three consecutive registers
•
0x0C
“SENSORTIME_0”
•
0x0D
“SENSORTIME_1”
•
0x0E
“SENSORTIME_2”
Table 30: Sensor Time Registers
Register
0x0E SENSORTIME_2
0x0D SENSORTIME_1
0x0C SENSORTIME_0
Bit
7..0
7..0
7..0
name
sensor_time_23_16
sensor_time_15_8
sensor_time_7_0
Data
Sensor time
4.3.7. Register 0x10 “EVENT”
The “EVENT” register contains the sensor status flags.
Table 31: Register 0x10 “EVENT”
Name
Description
Bit 0
por_detected
‘1’ after device power up or softreset. Clear-on-read
4.3.8. Register 0x11 “INT_STATUS”
The “INT_STATUS” register shows interrupt status and is cleared after reading.
Table 32: Register 0x11 “INT_STATUS”
Name
Description
Bit 0
fwm_int
FIFO Watermark Interrupt
Bit 1
ffull_int
FIFO Full Interrupt
Bit 3
drdy
data ready interrupt
4.3.9. Register 0x12 .. 0x13 “FIFO_LENGTH”
The FIFO byte counter indicates the current fill level of the FIFO buffer. Its size is 9 bit for 512 bytes and therefore split in two
registers “FIFO_LENGTH_0” and “FIFO_LENGTH_1”.
Table 33: FIFO Length Split
Register
0x13 FIFO_LENGTH_1
0x12 FIFO_LENGTH_0
Bit
7
6
5
4
3
2
1
0
7
6
5
4
3
2
1
0
name
fifo_byte_counter_8
fifo_byte_counter_7_0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com