Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 28 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 28 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 24Page - ASIX Electronics Corporation AX88780 Datasheet HTML 25Page - ASIX Electronics Corporation AX88780 Datasheet HTML 26Page - ASIX Electronics Corporation AX88780 Datasheet HTML 27Page - ASIX Electronics Corporation AX88780 Datasheet HTML 28Page - ASIX Electronics Corporation AX88780 Datasheet HTML 29Page - ASIX Electronics Corporation AX88780 Datasheet HTML 30Page - ASIX Electronics Corporation AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780 Datasheet HTML 32Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 55 page
background image
AX88780
28
ASIX ELECTRONICS CORPORATION
0 = disable
2
UNICAST
R/W
1
Receive Directed Packet.
If this bit is enabled, AX88780 will compare the destination address
field of received packet with the address of MAC (refer to MACID0,
MACID1, MACID2).
When it is matched and good CRC, the packet
will be passed to driver. Otherwise it will be dropped.
1 = enable
0 = disable
1
MULTICAST
R/W
0
Receive all Multicast Packets.
If this bit is enabled, any multicast packet (good CRC) will be received
and passed to driver.
1 = enable
0 = disable
0
RXANY
R/W
0
Receive Anything.
If this bit is enabled, any packet whether it is good or fail will be
received and passed to driver.
1 = enable
0 = disable
4.29 MDIOCTRL--MDIO Control Register
Offset Address = 0xFC84
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15
WTEN
R/W
0
Write Enable.
Driver enables this bit to issue a write cycle to PHY, it will be cleared when
finished the write cycle
1 = enable
0 = disable
14
RDEN
R/W
0
Read Enable.
Driver enables this bit to issue a read cycle to PHY. This bit will be cleared when
finished the read cycle
1 = enable
0 = disable
12:8
PHYCRIDX R/W
00000
PHY Register Index
If driver wants to access PHY, set this field to define the internal register index of
PHY.
7:5
-
R
000
Reserved
4:0
PHYID
R/W
00000
PHY ID
If driver wants to access PHY, set this field to define the address (ID) of PHY.
The address of internal PHY is fixed to 0x10
4.30 MDIODP--MDIO Data Port Register
Offset Address = 0xFC88
Default = 0x0000_0000
Field
Name
Type
Default
Description
31:16
-
R
All 0’s
Reserved
15:0
MDPORT R/W
All 0’s
PHY Data Port
To or from internal PHY data is put in this field.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com