Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 45 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 45 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 41Page - ASIX Electronics Corporation AX88780 Datasheet HTML 42Page - ASIX Electronics Corporation AX88780 Datasheet HTML 43Page - ASIX Electronics Corporation AX88780 Datasheet HTML 44Page - ASIX Electronics Corporation AX88780 Datasheet HTML 45Page - ASIX Electronics Corporation AX88780 Datasheet HTML 46Page - ASIX Electronics Corporation AX88780 Datasheet HTML 47Page - ASIX Electronics Corporation AX88780 Datasheet HTML 48Page - ASIX Electronics Corporation AX88780 Datasheet HTML 49Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
AX88780
45
ASIX ELECTRONICS CORPORATION
6.2.8 MII Transmit Timing (100Mbps)
Symbol
Description
Min
Typ.
Max
Units
Ttxclk
TXCLK reference clock*
40
-
ns
Tdelay
TXD[3:0], TXEN delay timing for TXCLK
-
10
ns
Tsetup
TXD[3:0], TXEN setup time
28
ns
Thold
TXD[3:0], TXEN hold time
5
ns
*Note: for 10Mbps, the typical value of Ttxclk shall scale to 400ns
6.2.9 MDIO Timing
Symbol
Description
Min
Typ.
Max
Units
Tclk
MDC clock timing*
1340
-
ns
Tod
MDC falling edge to MDIO output delay
-
32
ns
Ts
MDIO data input setup timing
10
-
-
ns
Th
MDIO data input hold timing
4
-
-
ns
*Note:
HCLK is 100MHz case.
TXD[3:0]
TXEN
TXCLK
Tdelay
Ttxclk
Tsetup
Thold
MDIO
(output)
MDC
Tclk
MDIO
(input)
Ts
Th
Tod



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com