Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 1 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 1 Page - ASIX Electronics Corporation

  AX88780 Datasheet HTML 1Page - ASIX Electronics Corporation AX88780 Datasheet HTML 2Page - ASIX Electronics Corporation AX88780 Datasheet HTML 3Page - ASIX Electronics Corporation AX88780 Datasheet HTML 4Page - ASIX Electronics Corporation AX88780 Datasheet HTML 5Page - ASIX Electronics Corporation AX88780 Datasheet HTML 6Page - ASIX Electronics Corporation AX88780 Datasheet HTML 7Page - ASIX Electronics Corporation AX88780 Datasheet HTML 8Page - ASIX Electronics Corporation AX88780 Datasheet HTML 9Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 55 page
background image
AX88780
ASIX ELECTRONICS CORPORATION
Released Date: 5/18/2007
4F, NO.8, Hsin Ann Rd., Science-Based Industrial Park, Hsin-Chu City, Taiwan, R.O.C.
TEL: 886-3-579-9500
FAX: 886-3-579-9558
http://www.asix.com.tw
High-Performance Non-PCI Single-Chip
32-bit 10/100M Fast Ethernet Controller
Document No: AX88780/V1.4
Features
●
High-performance non-PCI local bus
16/32-bit SRAM-like host interface
Support big/little endian data bus type
Large embedded SRAM for packet buffers
32K bytes for receive buffer
8K bytes for transmit buffer
Support IP/TCP/UDP checksum offloads
Support interrupt with high or low active trigger
mode
●
Single-chip Fast Ethernet controller
Compatible with IEEE802.3, 802.3u standards
Integrated Fast Ethernet MAC/PHY transceiver in
one chip
Support 10Mbps and 100Mbps data rate
Support full and half duplex operations
Support
10/100Mbps
N-way
Auto-negotiation
operation
Support IEEE 802.3x flow control for full-duplex
operation
Support back-pressure flow control for half-duplex
operation
Support packet length set by software
Support MII interface for external Ethernet PHY
and HomePNA/HomePlug PHY applications
●
Support Wake-on-LAN function by following events
Detection of network link-up state
Receipt of a Magic Packet
●
Support Magic Packet detection for remote wake-up
after power–on reset
●
Support EEPROM interface
●
Support PCMCIA in 16-bit mode
●
Support synchronous or asynchronous mode to host
MCU
●
Support LED pins for various network activity
indications
●
Integrated voltage regulator from 3.3V to 2.5V
●
2.5V for core and 3.3V I/O with 5V tolerance
●
128-pin LQFP with CMOS process, RoHS package
●
US patent approved (NO 6799231)
Product Description
The AX88780 is a high-performance and cost-effective single-chip Fast Ethernet controller for various embedded
systems including consumer electronics and home network markets that require a higher level of network connectivity.
The AX88780 supports 16/32-bit SRAM-like host interface and integrates on-chip Fast Ethernet MAC and PHY, which
is IEEE802.3 10Base-T and IEEE802.3u 100Base-T compatible. The AX88780 supports full-duplex or half-duplex
operation at 10/100Mbps speed with auto-negotiation or manual setting. The AX88780 integrates large embedded SRAM
for packet buffers to accommodate high bandwidth applications and supports IP/TCP/UDP checksum to offload
processing loading from microprocessor/microcontroller in an embedded system.
System Block Diagram
Always contact ASIX for possible updates before starting a design.
This data sheet contains new products information. ASIX ELECTRONICS reserves the rights to modify product
specification without notice. No liability is assumed as a result of the use of this product. No rights under any patent
accompany the sale of the product.


Similar Part No. - AX88780

ManufacturerPart #DatasheetDescription
logo
ASIX Electronics Corpor...
AX88780 ASIX-AX88780 Datasheet
2Mb / 49P
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
More results

Similar Description - AX88780

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9118 SMSC-LAN9118 Datasheet
213Kb / 6P
HIGH PERFORMANCE SINGLE CHIP 10/100NON PCI ETHERNET CONTROLLER
LAN9117 SMSC-LAN9117 Datasheet
1Mb / 131P
HIGH PERFORMANCE SINGLE-CHIP 10/100 NON-PCI ETHERNET CONTROLLER
logo
ASIX Electronics Corpor...
AX88780 ASIX-AX88780 Datasheet
2Mb / 49P
High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_05 Datasheet
1Mb / 126P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
ASIX Electronics Corpor...
AX88796BLF ASIX-AX88796BLF Datasheet
604Kb / 82P
Low-pin-count Non-PCI 8/16-bit 10/100M Fast Ethernet Controller
AX88180 ASIX-AX88180 Datasheet
482Kb / 47P
High-Performance Non-PCI 32-bit 10/100/1000M Gigabit Ethernet Controller
logo
SMSC Corporation
LAN9118 SMSC-LAN9118_07 Datasheet
1Mb / 129P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
logo
Microchip Technology
LAN9118 MICROCHIP-LAN9118 Datasheet
1,015Kb / 109P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
LAN9117 MICROCHIP-LAN9117 Datasheet
1Mb / 114P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
06/23/16
logo
SMSC Corporation
LAN9117 SMSC-LAN9117_08 Datasheet
1Mb / 136P
High Performance Single-Chip 10/100 Non-PCI Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com