Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 35 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 35 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 31Page - ASIX Electronics Corporation AX88780 Datasheet HTML 32Page - ASIX Electronics Corporation AX88780 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780 Datasheet HTML 39Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
AX88780
35
ASIX ELECTRONICS CORPORATION
1=Full-duplex operation
0= Normal operation
7
COLTST
R/W
0
Collision test:
1=Enable collision test
0= Normal operation
6:0
-
R
X
Reserved
5.2 BMSR--Basic Mode Status Register
Index = 0x01
Field
Name
Type
Default
Description
15
100BCAP
R
0, PS
100Base-T4 capability
0 = AX88780 is not able to execute 100 BASE-T4 mode.
14
100BFUL
R
1, PS
100BASE-TX full-duplex capability:
1= AX88780 is able to perform in 100BASE-TX full-duplex mode.
13
100BHAF
R
1, PS
100BASE-TX half-duplex capability:
1 = AX88780 is able to perform in 100BASE-TX half-duplex mode.
12
10BFUL
R
1, PS
10BASE-T full-duplex capability:
1 = AX88780 is able to perform in 10BASE-T full-duplex mode.
11
10BHAF
R
1, PS
10BASE-T half-duplex capability:
1 = AX88780 is able to perform in 10BASE-T half-duplex mode.
10:7
-
R
All 0’s
Reserved, default 4’b0000
6
MFPS
R
0, PS
Management frame preamble suppression:
0 = AX88780 will not accept management frames with preamble suppressed.
5
AUTONEST R
0
Auto negotiation completion:
1 = auto-negotiation process is complete.
0 = auto-negotiation process is not completed
4
RFST
RC
0, LH
Remote fault status:
1 = The link partner signals a far-end fault, read to clear.
0 = Remote fault condition is not detected
3
AUTOCFG R
1, PS
Auto configuration ability:
1 = AX88780 is able to perform auto-negotiation
2
LNKST
R
0, LL
Link status:
1= Valid link is established, (100Mb/s or 10Mb/s operation)
0= Valid link is not established
1
JABDET
R
0, LH
Jabber detection:
1= Jabber condition is detected.
0 = Jabber condition is not detected
0
EXTCAP
R
1, PS
Extended capability:
1= Extended register capable
0= Basic register capability only.
5.3 PHYIDR0--PHY Identifier 0 Register
Index = 0x02
Field
Name
Type
Default
Description
15:0
OUIMSB R
0x003B
PS
OUI most significant bits.
Bits 3 to 18 of the OUI are mapped to bits 15 to 0 of this register respectively. The
most significant two bits of the OUI are ignored



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com