Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 40 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 40 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780 Datasheet HTML 40Page - ASIX Electronics Corporation AX88780 Datasheet HTML 41Page - ASIX Electronics Corporation AX88780 Datasheet HTML 42Page - ASIX Electronics Corporation AX88780 Datasheet HTML 43Page - ASIX Electronics Corporation AX88780 Datasheet HTML 44Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
AX88780
40
ASIX ELECTRONICS CORPORATION
6.1.8 Power Consumption
Device Only
Measurement bases on 100MHz frequency of HCLK and turn on internal regulator at 25
oC temperature.
Item
Symbol
Power-On
with cable
removed
Operation at
10Base-T
Operation at
100Base-T
PHY power
down
Stand-by current
(HCLK is off)
Units
1
VCC3 (IO)
1.6
5.4
6.4
1.6
0.061
mA
2
VCC3R
103
86
97.5
64
1.5
mA
Note: The current of VCC3R includes VCC2 core current.
Device and system components
It is a total of Ethernet connectivity solution, which includes external component supporting the AX88780. The brief
connection is shown as below.
Measurement bases on 100MHz frequency of HCLK and turn on internal regulator at 25
oC temperature.
Item
Test conditions
Total power
Units
1
10Base-T operation (**internal PHY sinks 140 mA)
619
mW
2
100Base-T operation (**internal PHY sinks 100 mA)
469
mW
3
Cable unplug
654
mW
4
PHY power down
315
mW
V CC3 R
AX8 8 7 8 0
V CC3
V2 5 OUT
Tr a n s f o r m e r
T S 6121C
1.
E na bl e r e gu l a t o r of A X 8 878 0
2.
T h e 2. 5V p ow e r
of T S 61 21C i s f r om A X 88 780
VC C 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com