Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

AX88780 Datasheet(PDF) 37 Page - ASIX Electronics Corporation

Part # AX88780
Description  High-Performance Non-PCI Single-Chip 32-bit 10/100M Fast Ethernet Controller
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ASIX [ASIX Electronics Corporation]
Direct Link  http://www.asix.com.tw
Logo ASIX - ASIX Electronics Corporation

AX88780 Datasheet(HTML) 37 Page - ASIX Electronics Corporation

Back Button AX88780 Datasheet HTML 33Page - ASIX Electronics Corporation AX88780 Datasheet HTML 34Page - ASIX Electronics Corporation AX88780 Datasheet HTML 35Page - ASIX Electronics Corporation AX88780 Datasheet HTML 36Page - ASIX Electronics Corporation AX88780 Datasheet HTML 37Page - ASIX Electronics Corporation AX88780 Datasheet HTML 38Page - ASIX Electronics Corporation AX88780 Datasheet HTML 39Page - ASIX Electronics Corporation AX88780 Datasheet HTML 40Page - ASIX Electronics Corporation AX88780 Datasheet HTML 41Page - ASIX Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
AX88780
37
ASIX ELECTRONICS CORPORATION
0= Pause operation is not support by link partner.
9
PNR100B
R
0
100Base-T4 support:
1 = 100Base-T4 is supported by link partner.
0 = 100Base-T4 is not supported by link partner.
8
PNR100BFUL R
0
100BASE-TX full-duplex support:
1 = 100BASE-T full-duplex is supported by link partner.
0 = 100BASE-TX full-duplex is not supported by link partner.
7
PNR100BHAF R
0
100BASE-TX half-duplex support:
1 = 100BASE-TX half-duplex is supported by link partner.
0 = 100BASE-TX half-duplex is not supported by link partner.
6
PNR10BFUL R
0
10BASE-T full-duplex support:
1 = 10BASE-T full-duplex is supported by link partner.
0 = 10BASE-T full-duplex is not supported by link partner.
5
PNR10BHAF R
0
10BASE-T half-duplex support:
1 = 10BASE-T half-duplex is supported by link partner.
0 = 10BASE-T half-duplex is not supported by link partner.
4:0
PNRPROSEL R
00000
Protocol selection bits:
Link partner’s binary encoded protocol selector.
5.7 ANER--Auto-negotiation Expansion Register
Index = 0x06
Field
Name
Type
Default
Description
15:5
-
R
All 0’s
Reserved,
4
PARDETF
R
0, LH
Parallel detection fault:
1 = Fault is detected via parallel detection function
0 = Fault is not detected
3
LNKPNRNXT R
0
Link partner next page enable:
1 = Link partner is next page enabled
0 = Link partner is not next page enabled.
2
PHYNXTPG
R
0, PS
PHY next page enable:
1 = PHY is next page enabled
0 = PHY is not next page enabled.
1
NPREC
R
0, LH
New page reception:
1 = New page is received
0 = New page is not received.
0
LNKPNRAN R
0
Link partner auto-negotiation enable:
1 = Auto-negotiation is supported by link partner,
0 = Auto-negotiation is not supported by link partner.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com