Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 1 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 1 Page - Carlo Gavazzi Holding AG

  M O O2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
1
• Class 0.5 (kWh) according to
EN62053-22
• Class C (kWh) according to EN50470-3
• Class 2 (kvarh) according to EN62053-23
• Accuracy ±0.2% RDG (current/voltage)
• Instantaneous variables readout: 4x4 DGT
• Energies readout: 9+1 DGT
• System variables: VLL, VLN, A, VA, W, var, PF, Hz,
Phase-sequence-asymmetry-loss.
• Single phase variables: VLL, VLN, AL, An (calculated),
VA, W, var, PF
• Both system and single phase variables with average
and max calculation
• Harmonic analysis (FFT) up to the 32nd harmonic
(current and voltage)
• Energy measurements (imported/exported): total and
partial kWh and kvarh
• Energy measurements according to ANSI C12.20 CA
0.5, ANSI C12.1 (revenue grade)
• Run hours counter (8+2 DGT)
• Real time clock function
• Application adaptable display and programming
procedure (Easyprog function)
• Universal power supply: 24-48 VDC/AC, 100-240 VDC/AC
• Front dimensions: 96x96 mm
• Front protection degree: IP65, NEMA4X, NEMA12
Product Description
Three-phase
smart
power
analyzer with built-in advanced
configuration system and LCD
data
displaying.
Particularly
recommended
for
the
measurement
of
the
main
electrical variables. WM30 is
based on a modular housing for
panel mounting with IP65 (front)
protection degree. Moreover, the
analyzer can be provided with
digital outputs that can be either
for pulse proportional to the
Energy Management
Smart Modular Power Analyzer
Type WM30 96
• One RS232 and RS485 port (on request)
• Communication protocol: MODBUS-RTU
• MODBUS TCP/IP Ethernet port (on request)
• BACnet-IP over Ethernet port (on request)
• BACnet MS/TP over RS485, BTL approved (on request)
• Ethernet/IP port, ODVA approved (on request)
• Up to 2 digital outputs (pulse, alarm, remote control)
(on request)
• Up to 4 freely configurable virtual alarms
• Up to 2 analogue outputs (+20mA, +10VDC) (on request)
active and reactive energy being
measured
or/and
for
alarm
outputs. The instrument can be
equipped with the following
modules:
RS485/RS232,
Ethernet, BACnet-IP or BACnet
MS/TP communication ports,
pulse
and
alarm
outputs.
Parameters programming and
data reading can be easily
performed
by
means
of
WM3040Soft.
Model
Range code
System
Power Supply
A Outputs
B Outputs
Communication
Option
How to order WM30-96 AV5 3 H R2 A2 S1 XX
Type Selection
Range codes
AV4:
400/690VLL AC
1(2)A
VLN: 160V to 480VLN
VLL: 277V to 830VLL
AV5:
400/690VLL AC
5(6)A
VLN: 160V to 480VLN
VLL: 277V to 830VLL
AV6:
100/208VLL AC
5(6)A
VLN: 40V to 144VLN
VLL: 70V to 250VLL
AV7:
100/208VLL AC
1(2)A
VLN: 40V to 144VLN
VLL: 70V to 250VLL
Options
XX:
none
System
3:
balanced and
unbalanced load:
3-phase, 4-wire;
3-phase, 3-wire;
2-phase, 3-wire;
1-phase, 2-wire
A Outputs
XX:
none
O2:
Dual channel static
output
R2:
Dual channel relay
output
Power supply
H:
100-240 +/-10% (90
to 255) VDC/AC
(50/60 Hz)
L:
24-48 +/-15% (20 to
55) VDC/AC
(50/60 Hz)
B Outputs
XX:
none
A2:
Dual channel 20mA
DC output
V2:
Dual channel 10V
DC output
Communication
XX:
none
S1:
RS485/RS232 port
E2:
Ethernet / Internet
port
B1:
BACnet (IP) over
Ethernet
B3:
BACnet (MS/TP)
over RS485
E6:
Ethernet/IP port


Similar Description - M O O2

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SPT-90 ETC2-SPT-90 Datasheet
223Kb / 10P
Energy Management Modular Smart Power Transducer
WM2-96 ETC2-WM2-96 Datasheet
201Kb / 9P
Energy Management Modular Power Analyzers
WM3-96 ETC2-WM3-96 Datasheet
317Kb / 13P
Energy Management Modular Smart Power Quality Analyzer
WM23-96AV53H ETC2-WM23-96AV53H Datasheet
458Kb / 10P
Energy Management Modular Power Quality Analyzer
EM11DIN ETC2-EM11DIN Datasheet
207Kb / 6P
Energy Management Energy Analyzer
logo
Carlo Gavazzi Holding A...
EM26 CARLOGAVAZZI-EM26 Datasheet
579Kb / 13P
Energy Management Energy Analyzer Type EM26 96
EM210MID CARLOGAVAZZI-EM210MID Datasheet
512Kb / 13P
Energy Management Energy Analyzer Type EM210 MID
EM111 CARLOGAVAZZI-EM111 Datasheet
437Kb / 12P
Energy Management Energy Analyzer Type EM111
WM30 CARLOGAVAZZI-WM30 Datasheet
1Mb / 20P
Energy Management Smart Modular Power Analyzer
VMU-E CARLOGAVAZZI-VMU-E Datasheet
347Kb / 11P
Energy Management Modular DC Energy analyzer Type VMU-E and VMU-X
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com