Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 9 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 9 Page - Carlo Gavazzi Holding AG

Back Button M O O2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 10Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 11Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 12Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 13Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
9
WM30 96
Standard compliance
Safety
IEC60664, IEC61010-1
EN60664, EN61010-1
EN62052-11.
Metrology
EN62053-22, EN62053-23,
EN50470-3.
Pulse output
DIN43864, IEC62053-31
Approvals
Eligible System
performance Meter for Go
Solar California, CE, cULus
“Listed”
Connections
Screw-type
Cable cross-section area
max. 2.5 mm2.
min./max. screws
tightening torque: 0.4 Nm /
0.8 Nm.
Suggested screws
tightening torque: 0.5 Nm
Housing DIN
Dimensions (WxHxD)
Module holder:
96x96x50mm.
“A” and “B” type modules:
89.5x63x16mm.
“C” type module:
89.5x63x20mm.
Max. depth behind the panel
With 3 modules (A+B+C):
81.7 mm
Material
ABS/Nylon PA66, self-
extinguishing: UL 94 V-0
Mounting
Panel mounting
Protection degree
Front
IP65, NEMA4x, NEMA12
Screw terminals
IP20
Weight
Approx. 420 g (packing
included)
Operating temperature
-25°C to +55°C (-13°F to
131°F) (R.H. from 0 to 90%
non-condensing @ 40°C)
according to EN62053-21,
EN50470-1 and EN62053-
23
Storage temperature
-30°C to +70°C (-22°F to
158°F) (R.H. < 90% non-
condensing @ 40°C)
according to EN62053-21,
EN50470-1 and EN62053-
23
Installation category
Cat. III (IEC60664,
EN60664)
Insulation (for 1 minute)
See “Insulation between
inputs and outputs” table
Dielectric strength
4kVAC RMS for 1 minute
Noise rejection CMRR
100 dB, 48 to 62 Hz
EMC
According to EN62052-11
Electrostatic discharges
15kV air discharge
Immunity to irradiated
Test with current: 10V/m
from 80 to 2000MHz
Electromagnetic fields
Test without any current:
30V/m from 80 to 2000MHz
Burst
On current and voltage
measuring inputs circuit:
4kV
Immunity to conducted
disturbances
10V/m from 150KHz to
80MHz
Surge
On current and voltage
measuring inputs circuit:
4kV; on “L” auxiliary power
supply input: 1kV
Radio frequency suppression
According to CISPR 22
General specifications
Insulation between inputs and outputs
(1): respect another module 4kV, in the same module 0kV.
-: combination not allowed.
NOTE: all the models have, mandatory, to be connected to external current transformers because the isolation among the
current inputs is just functional (100VAC).
PowerSupply
(HoL)
Mesuring
inputs
Relèoutput
(MOR2)
Staticouput
(MOO2)
Serialport Ethernetport Analogue
outputs
PowerSupply
(HoL)
-
4kV
4kV
4kV
4kV
4kV
4kV
Mesuringinputs
4kV
-
4kV
4kV
4kV
4kV
4kV
Relèoutput
(MOR2)
4kV
4kV
2kV
-
4kV
4kV
4kV
Staticouput
(MOO2)
4kV
4kV
-
2kV
4kV
4kV
4kV
Serialport
4kV
4kV
4kV
4kV
-
-
4kV
Ethernetport
4kV
4kV
4kV
4kV
-
-
4kV
Analogueoutputs
4kV
4kV
4kV
4kV
4kV
4kV
4kV(1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com