Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 8 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 8 Page - Carlo Gavazzi Holding AG

Back Button M O O2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 10Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 11Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 12Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 18 page
background image
8
Specifications are subject to change without notice
WM30 96 DS 240914
WM30 96
(always on) to 255 minutes
Virtual alarms
Working condition
In case of basic unit or
with the addition of M O
R2 or M O O2 digital
output modules.
No. of alarms
Up to 4
Working mode
Up alarm and down alarm.
Controlled variables
The alarms can be
connected to any
instantaneous variable
available in the table “List
of the variables that can be
connected to”.
Set-point adjustment
From 0 to 100% of the
display scale
Hysteresis
From 0 to 100% of the
display scale
On-time delay
0 to 255s
Min. response time
≤ 200ms, filters excluded.
Set-point on-time delay:
“0 s”.
Reset
By means of the front key-
pad. It is possible to reset
the following data:
- all the max and dmd
values.
- total energies: kWh,
kvarh;
- partial energies: kWh,
kvarh
Harmonic analysis
Up to the 32nd harmonics
on current and voltage
Clock
Functions
Universal clock and calendar.
Time format
Hour: minutes: seconds
with selectable 24 hours or
12H AM/PM format.
Date format
Day-month-year with
selectable DD-MM-YY or
MM-DD-YY format.
Battery life
10 years
Easy programming function
For all the display
selections, both energy
and power measurements
are independent from the
current direction. The
displayed energy is always
“imported” with the only
exception of “C”, “D”, “E”
and “G” types (see
“display pages” table). For
those latter selections the
energies can be either
“imported” or “exported”
depending on the current
direction.
Password
Numeric code of max. 4
digits; 2 protection levels
of the programming data:
1st level
Password “0”, no
protection;
2nd level
Password from 1 to 9999,
all data are protected
System selection
System 3-Ph.n unbalanced load
3-phase (4-wire)
System 3-Ph. unbalanced load
3-phase (3-wire), three
currents and 3-phase to
phase voltage
measurements, or in case
of Aaron connection two
currents (with special
wiring on screw terminals)
and 3-phase to phase
voltage measurements.
System 3-Ph.1 balanced load
3-phase (3-wire), one
current and 3-phase to
phase voltage
measurements
3-phase (4-wire), one
current and 3-phase to
neutral voltage
measurements.
System 3-Ph.2 balanced load
3-phase (2-wire), one
current and 1-phase (L1) to
neutral voltage
measurement.
System 2-Ph
2-phase (3-wire)
System 1-Ph
1-phase (2-wire)
Transformer ratio
VT (PT)
1.0 to 999.9 /
1000 to 9999.
CT
1.0 to 999.9 / 1000 to 9999
(up to 10kA in case of CT
with 1A secondary current
and up to 50kA in case of
CT with 5A secondary
current).
Filter
Operating range
Selectable from 0 to 100%
of the input display scale
Filtering coefficient
Selectable from 1 to 32
Filter action
Measurements, analogue
signal retransmission,
serial communication
(fundamental variables: V,
A, W and their derived
ones).
Displaying
Number of variables
Up to 5 variables per page.
See “Front view”. 7
different set of variables
available (see “Display
pages”) according to the
application being selected.
One page is freely
programmable as
combination of variables.
Backlight
The backlight time is
programmable from 0
Main functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com