Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 16 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 16 Page - Carlo Gavazzi Holding AG

Back Button M O O2 Datasheet HTML 10Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 11Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 12Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 13Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 14Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 15Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 16Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 17Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 18Page - Carlo Gavazzi Holding AG  
Zoom Inzoom in Zoom Outzoom out
 16 / 18 page
background image
16
Specifications are subject to change without notice
WM30 96 DS 240914
WM30 96
RS485 and RS232 wiring diagrams
RS485 port
Static, relay and analogue outputs wiring diagrams
Relays
Analogue 20mA DC
Analogue 10V DC
Out1
Out2
Out1
Out2
1 23 4
1 23 4
Opto-mosfet
RS232 port
NOTE. RS485: additional devices provided with RS485 are connected in parallel. The termination of the serial output is
carried out only on the last instrument of the network, by means of a jumper between (B+) and (T).
: the communication
RS232 and RS485 ports can’t be connected and used simultaneously.
A
Out1
23 4
Out2
56
7
56 78
1 23 4
Out1 Out2
6
7
8
1
2
3
4
6
7
8
1
2
3
4
6
7
8
1
2
3
4
M O O2, M O R2, modules
M O A2, M O V2, modules
M C 485 232, module
Out1
Out2
Out1
Out2
Mandatory
termination



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com