Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 5 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 5 Page - Carlo Gavazzi Holding AG

  M O O2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
5
WM30 96
RS485 (on request)
Type
Multidrop, bidirectional
(static and dynamic
variables)
Connections
2-wire
Max. distance 1000m,
termination directly on the
module
Addresses
247, selectable by means
of the front key-pad
Protocol
MODBUS/JBUS (RTU)
Data (bidirectional)
Dynamic (reading only)
System and phase
variables: see table “List of
variables...”
Static (reading and writing only) All the configuration
parameters.
Data format
1 start bit, 8 data bit,
no/even/odd parity,1 stop bit
Baud-rate
Selectable: 9.6k, 19.2k,
38.4k, 115.2k bit/s
Driver input capability
1/5 unit load. Maximum
160 transceivers on the
same bus.
Note
With the rotary switch (on
the back of the basic unit)
in lock position the
modification of the
programming parameters
and the reset command by
means of the serial
communication is not
allowed anymore. In this
case just the data reading
is allowed.
Insulation
See “Insulation between
inputs and outputs” table
RS232 port (on request)
Type
Bidirectional (static and
dynamic variables)
Connections
3 wires. Max. distance
15m
Protocol
MODBUS RTU /JBUS
Data (bidirectional)
Dynamic (reading only)
System and phase
variables: see table “List of
variables...”
Static (reading and writing only) All the configuration
parameters
Data format
1 start bit, 8 data bit,
no/even/odd parity,1 stop
bit
Baud-rate
Selectable: 9.6k, 19.2k,
38.4k, 115.2k bit/s
Note
With the rotary switch (on
the back of the basic unit)
in lock position the
modification of the
programming parameters
and the reset command by
means of the serial
communication is not
allowed anymore. In this
case just the data reading
is allowed.
Insulation
See “Insulation between
inputs and outputs” table
Ethernet/Internet port
(on request)
Protocols
Modbus TCP/IP
IP configuration
Static IP / Netmask /
Default gateway
Port
Selectable (default 502)
Client connections
Max 5 simultaneously
Connections
RJ45 10/100 BaseTX
Max. distance 100m
Data (bidirectional)
Dynamic (reading only)
System and phase
variables: see table “List of
variables...”
Static (reading and
writing only)
All the configuration
parameters.
Note
With the rotary switch (on
the back of the basic unit)
in lock position the
modification of the
programming parameters
and the reset command by
means of the serial
communication is not
allowed anymore. In this
case just the data reading
is allowed.
Insulation
See “Insulation between
inputs and outputs” table
BACnet-IP
(on request)
Protocols
BACnet-IP (for
measurement reading
purpose and to write
object description) and
Modbus TCP/IP (for
measurement reading
purpose and for
programming parameter
purpose)
BACnet-IP
IP configuration
Static IP / Netmask
/Default gateway
Port
Fixed: BAC0h
Device object instance
0 to 9999 selectable by
key-pad 0 to 2^22-2 =
4.194.302, selectable by
programming software or
by BACnet.
Supported services
“I have”, “I am”, “Who
has”, “Who is”, “Read
(multiple) Property”
Supported objects
Type 2 (analogue value,
including COV property),
Type 5 (binary-value for up
to 16 virtual alarm re-
transmission) Type 8
(device)
IP configuration
Static IP / Netmask /
Default gateway
Modbus TCP/IP
See “Ethernet/Internet
port” above
Client connections
Modbus only: max 5
simultaneously
Connections
RJ45 10/100 BaseTX Max.
distance 100m
Output specifications (cont.)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com