Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 11 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 11 Page - Carlo Gavazzi Holding AG

Back Button M O O2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 10Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 11Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 12Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 13Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 14Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 15Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 18 page
background image
Specifications are subject to change without notice WM30 96 DS 240914
11
WM30 96
Power consumption
AC: 20 VA;
DC: 10 W
Auxiliary power supply
H: 100-240 +/-10% (90 to
255) VDC/AC (50/60 Hz);
L: 24-48 +/-15% (20 to 55)
VDC/AC (50/60 Hz)
Power supply specifications
Description
Notes
A
Cost allocation
Imported energy metering
B
Cost control
Imported and partial energy metering
C
Complex cost allocation
Imported/exported energy (total and partial)
D
Solar
Imported and exported energy metering with some basic
power analyzer function
E
Complex cost and power analysis
Imported/exported energy (total and partial) and power
analysis
F
Cost and power quality analysis
Imported energy and power quality analysis
G
Advanced energy and power analysis for power generation
Complete energy metering and power quality analysis
Var
Type
No
Line 1
Variable Type
Line 2
Variable Type
Line 3
Variable Type
Line 4
Variable Type
Line 5
Variable Type
Note
Applications
A
B
C
D
E
F
G
0
Home page
Programmable
x
x
x
x
x
x
x
a
1
Total kWh (+)
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
x
x
x
a
2
Total kvarh (+)
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
x
x
x
a
3
Total kWh (-)
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
a
4
Total kvarh (-)
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
a
5 kWh (+) partial
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
x
a
6
kvarh (+) part.
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
x
a
7
kWh (-) partial
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
a
8
kvarh (-) part.
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
a
9
Run Hours
(99999999.99)
b, c, d
b, c, d
b, c, d
b, c, d
x
x
x
x
x
b
10 a/Phase seq.
VLN
∑
VL1
VL2
VL3
(1) (2)
x
x
x
x
b
11 a/Phase seq.
VLN
∑
VL1-2
VL2-3
VL3-1
(1) (2)
x
x
x
x
b
12 a/Phase seq.
An
AL1
AL2
AL3
(1) (2)
x
x
x
x
b
13 a/Phase seq.
Hz
“ASY”
VLL sys
(% asy)
VLL sys
(% asy)
(1) (2)
x
x
x
x
b
14 a/Phase seq.
A
∑
AL1
AL2
AL3
(1) (2)
x
x
x
x
c
15 a/Phase seq.
W
∑
WL1
WL2
WL3
(1) (2)
x
x
x
x
c
16 a/Phase seq.
var
∑
var L1
var L2
var L3
(1) (2)
x
x
x
c
17 a/Phase seq.
PF
∑
PF L1
PF L2
PF L3
(1) (2)
x
x
x
c
18 a/Phase seq.
VA
∑
VA L1
VA L2
VA L3
(1) (2)
x
x
x
d
19 a/Phase seq.
THD V1
THD V2
THD V3
(1) (2)
x
x
d
20 a/Phase seq.
THD V12
THD V23
THD V31
(1) (2)
x
x
d
21 a/Phase seq.
THD A1
THD A2
THD A3
(1) (2)
x
x
Display pages
List of selectable applications
Note: the table refers to system 3P.n.
(1) Also maximum value storage (no EEPROM storage).
(2) Also average (dmd) value (no EEPROM storage).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com