Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

M O O2 Datasheet(PDF) 4 Page - Carlo Gavazzi Holding AG

Part # M O O2
Description  Energy Management Smart Modular Power Analyzer
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CARLOGAVAZZI [Carlo Gavazzi Holding AG]
Direct Link  https://gavazziautomation.com/
Logo CARLOGAVAZZI - Carlo Gavazzi Holding AG

M O O2 Datasheet(HTML) 4 Page - Carlo Gavazzi Holding AG

  M O O2 Datasheet HTML 1Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 2Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 3Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 4Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 5Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 6Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 7Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 8Page - Carlo Gavazzi Holding AG M O O2 Datasheet HTML 9Page - Carlo Gavazzi Holding AG Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 18 page
background image
4
Specifications are subject to change without notice
WM30 96 DS 240914
WM30 96
Relay outputs (M O R2)
Physical outputs
2 (max. 1 module per
instrument)
Purpose
For either alarm output or
pulse output
Type
Relay, SPDT type
AC 1-5A @ 250VAC; AC
15-1.5A @ 250VAC
Configuration
By means of the front key-
pad
Function
The outputs can work as
alarm outputs but also as
pulse outputs, remote
controlled outputs, or in
any other combination.
Alarms
Up alarm and down alarm
linked to the virtual alarms,
other details see Virtual
alarms
Min. response time
≤200ms, filters excluded.
Set-point on-time delay: “0 s”.
Pulse
Signal retransmission
Total: +kWh, -kWh, +kvarh,
-kvarh.
Partial: +kWh, -kWh,
+kvarh, -kvarh.
Pulse type
Programmable from 0.001
to 10.00 kWh/kvarh per
pulse.The above listed
variables can be
connected to any output.
Pulse duration
≥100ms <120msec (ON),
≥120ms (OFF), according
to EN62052-31
Remote controlled
outputs
The activation of the
outputs is managed
through the serial
communication port
Insulation
See “Insulation between
inputs and outputs” table
Static outputs (M O O2)
Opto-Mos type
Physical outputs
2 (max. 1 module per
instrument)
Purpose
For either pulse output or
alarm output
Signal
VON: 2.5VAC/DC/max.100mA
VOFF: 42VDC max.
Configuration
By means of the front key-
pad
Function
The outputs can work as
alarm outputs but also as
pulse outputs, remote
controlled outputs, or in
any other combination.
Alarms
Up alarm and down alarm
linked to the virtual alarms,
other details see Virtual
alarms
Min. response time
≤200ms, filters excluded.
Set-point on-time delay: “0
s”.
Pulse
Signal retransmission
Total: +kWh, -kWh, +kvarh,
-kvarh.
Partial: +kWh, -kWh,
+kvarh, -kvarh.
Pulse type
Programmable from 0.001
to 10.00 kWh/kvarh per
pulse.The above listed
variables can be
connected to any output.
Pulse duration
≥100ms < 120msec (ON),
≥120ms (OFF), according
to EN62052-31
Remote controlled outputs
The activation of the
outputs is managed
through the serial
communication port
Insulation
See “Insulation between
inputs and outputs” table
20mA analogue outputs
(M O A2)
Number of outputs
2 per module (max. 1
module per instrument)
Accuracy
(@ 25°C ±5°C, R.H.
≤60%) ±0.2%FS
Range
0 to 20mA
Configuration
By means of the front key-
pad
Signal retransmission
The signal output can be
connected to any
instantaneous variable
available in the table “List
of the variables that can be
connected to”.
Scaling factor
Programmable within the
whole range of
retransmission.
Response time
≤400 ms typical (filter
excluded)
Ripple
≤1% (according to IEC
60688-1, EN 60688-1)
Total temperature drift
≤500 ppm/°C
Load
≤600Ω
Insulation
See “Insulation between
inputs and outputs” table
10VDC analogue outputs
(M O V2)
Number of outputs
2 (max. 1 module per
instrument)
Accuracy
(@ 25°C ±5°C, R.H. 60%)
±0.2%FS
Range
0 to 10 VDC
Configuration
By means of the front key-
pad
Signal retransmission
The signal output can be
connected to any
instantaneous variable
available in the table “List
of the variables that can be
connected to”.
Scaling factor
Programmable within the
whole range of
retransmission;
Response time
≤400 ms typical (filter
excluded)
Ripple
≤1% (according to IEC
60688, EN 60688)
Total temperature drift
≤350 ppm/°C
Load
≥10kΩ
Insulation
See “Insulation between
inputs and outputs” table
Output specifications



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com