Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 21 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 21 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 17Page - Microchip Technology MCP3425 Datasheet HTML 18Page - Microchip Technology MCP3425 Datasheet HTML 19Page - Microchip Technology MCP3425 Datasheet HTML 20Page - Microchip Technology MCP3425 Datasheet HTML 21Page - Microchip Technology MCP3425 Datasheet HTML 22Page - Microchip Technology MCP3425 Datasheet HTML 23Page - Microchip Technology MCP3425 Datasheet HTML 24Page - Microchip Technology MCP3425 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22072A-page 21
MCP3425
FIGURE 6-3:
Example of Multiple Device
Connection on I2C Bus.
6.2
Device Connection Test
The user can test the presence of the MCP3425 on the
I2C bus line without performing an input data conver-
sion. This test can be achieved by checking an
acknowledge response from the MCP3425 after send-
ing a read or write command. Here is an example using
Figure 6-4:
(a) Set the R/W bit “HIGH” in the address byte.
(b) The MCP3425 will then acknowledge by pulling
SDA bus LOW during the ACK clock and then release
the bus back to the I2C Master.
(c) A STOP or repeated START bit can then be issued
from the Master and I2C communication can continue.
FIGURE 6-4:
I2C Bus Connection Test.
6.3
Application Examples
The MCP3425 device can be used in a broad range of
sensor and data acquisition applications.
Figure 6-5 shows an example of battery voltage
measurement. The circuit uses a voltage divider if the
battery voltage is greater than the device’s internal
reference voltage (2.048V). The voltage divider circuit
is not needed if the input voltage is less than the
device’s internal reference voltage (2.048V). The user
can adjust the variable resistor (R2) to calibrate the
input voltage to be less than the device’s reference volt-
age (2.046V). The I2C pull-up resistor (Rpull-up) values
are in the range of 5 k
Ω to 10 kΩ for standard and high
speed modes (100 kHz, 400 kHz), and less than 1 k
Ω
for fast mode (3.4 MHz). Since the ADC conversion is
performed by using its internal reference voltage
(2.048V), the conversion result is not affected by the
VDD changes or Battery voltage changes within its
operating voltage range (2.7V - 5.5V).
FIGURE 6-5:
Example of Battery Voltage
Measurement.
SDA SCL
(24LC01)
Microcontroller
EEPROM
MCP3425
(TC74)
Temperature
Sensor
(PIC16F876)
1
2
34
5
6
78
9
SCL
SDA
1
1
0
1A2 A1 A0 1
Start
Bit
Address Byte
Address bits
Device bits
R/W
Start
Bit
MCP3425
Response
700 k
Ω
Resistor
MCP3425
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
Rpull-up
VDD
TO MCU
(MASTER)
4.2V
To Load
Battery
Rpull-up
Voltage
Divider
R1
R2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com