Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 22 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 22 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 18Page - Microchip Technology MCP3425 Datasheet HTML 19Page - Microchip Technology MCP3425 Datasheet HTML 20Page - Microchip Technology MCP3425 Datasheet HTML 21Page - Microchip Technology MCP3425 Datasheet HTML 22Page - Microchip Technology MCP3425 Datasheet HTML 23Page - Microchip Technology MCP3425 Datasheet HTML 24Page - Microchip Technology MCP3425 Datasheet HTML 25Page - Microchip Technology MCP3425 Datasheet HTML 26Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 30 page
background image
MCP3425
DS22072A-page 22
© 2007 Microchip Technology Inc.
Figure 6-6, shows an example of interfacing with a
bridge sensor for pressure measurement.
FIGURE 6-6:
Example of Pressure
Measurement.
In this circuit example, the sensor full scale range is
±7.5 mV with a common mode input voltage of V
DD / 2.
This configuration will provide a full 14-bit resolution
across the sensor output range. The alternative circuit
for this amount of accuracy would involve an analog
gain stage prior to a 16-bit ADC.
Figure 6-7
shows
an
example
of
temperature
measurement using a thermistor. This example can
achieve a linear response over a 50
°C temperature
range. This can be implemented using a standard
resistor with 1% tolerance in series with the thermistor.
The value of the resistor is selected to be equal to the
thermistor value at the mid-point of the desired
temperature range.
FIGURE 6-7:
Example of Temperature
Measurement.
NPP301
MCP3425
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
Rpull-up
Rpull-up
VDD
VDD
TO MCU
(MASTER)
VDD
10 k
Ω
Resistor
10 k
Ω
Thermistor
MCP3425
VIN+
VIN-
VDD
VSS
1
2
3
4
5
6
SCL
SDL
10 µF
0.1 µF
Rpull-up
Rpull-up
VDD
VDD
TO MCU
(MASTER)
VDD



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com