Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MCP3425 Datasheet(PDF) 13 Page - Microchip Technology

Part # MCP3425
Description  16-Bit Analog-to-Digital Converter with I2C Interface and On-Board Reference
PDF  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MCP3425 Datasheet(HTML) 13 Page - Microchip Technology

Back Button MCP3425 Datasheet HTML 9Page - Microchip Technology MCP3425 Datasheet HTML 10Page - Microchip Technology MCP3425 Datasheet HTML 11Page - Microchip Technology MCP3425 Datasheet HTML 12Page - Microchip Technology MCP3425 Datasheet HTML 13Page - Microchip Technology MCP3425 Datasheet HTML 14Page - Microchip Technology MCP3425 Datasheet HTML 15Page - Microchip Technology MCP3425 Datasheet HTML 16Page - Microchip Technology MCP3425 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 30 page
background image
© 2007 Microchip Technology Inc.
DS22072A-page 13
MCP3425
FIGURE 5-1:
MCP3425 Address Byte.
5.3.2
READING DATA FROM THE DEVICE
When the Master sends a read command (R/W = 1),
the MCP3425 outputs the conversion data bytes and
configuration byte. Each byte consists of 8 bits with
one acknowledge (ACK) bit. The ACK bit after the
address byte is issued by the MCP3425 and the ACK
bits after each conversion data bytes are issued by the
Master.
When the device receives a read command, it outputs
two data bytes followed by a configuration register. In
16 bit-conversion mode, the MSB of the first data byte
is the MSB (D15) of the conversion data. In 14-bit con-
version mode, the first two bits in the first data byte can
be ignored (they are the MSB of the conversion data),
and the 3rd bit (D13) is the MSB of the conversion data.
In 12-bit conversion mode, the first four bits can be
ignored (they are the MSB of the conversion data), and
the 5th bit (D11) of the byte represents the MSB of the
conversion data. Table 5-3 shows an example of the
conversion data output of each conversion mode.
The configuration byte follows the output data byte.
The device outputs the configuration byte as long as
the SCL pulses are received. The device terminates
the current outputs when it receives a Not-Acknowl-
edge (NAK), a repeated start or a stop bit at any time
during the output bit stream. It is not required to read
the configuration byte. However, the user may read the
configuration byte to check the RDY bit condition to
confirm whether the just received data bytes are
updated conversion data. The user may continuously
send clock (SCL) to repeatedly read the configuration
bytes to check the RDY bit status.
Figures 5-2 and 5-2 show the timing diagrams of the
reading.
5.3.3
WRITING A CONFIGURATION BYTE
TO THE DEVICE
When the Master sends an address byte with the R/W
bit low (R/W = 0), the MCP3425 expects one
configuration byte following the address. Any byte sent
after this second byte will be ignored. The user can
change the operating mode of the device by writing the
configuration register bits.
If the device receives a write command with a new
configuration setting, the device immediately begins a
new conversion and updates the conversion data.
Start bit
Read/Write bit
Address Byte
R/W ACK
1
1
0
1
X
X
X
Device Code
Address Bits (Note 1)
Address
Acknowledge bit
Address
Note
1:
Specified by customer and programmed at the
factory. If not specified by the customer,
programmed to ‘000’.
TABLE 5-3:
EXAMPLE OF CONVERSION DATA OUTPUT OF EACH CONVERSION MODE
Conversion
Mode
Conversion Data Output
16-bits
MD14~D8 (1st data byte) - D7 ~ D0 (2nd data byte) - Configuration byte
14-bits
MMMD12~D8 (1st data byte) - D7 ~ D0 (2nd data byte) - Configuration byte
12-bits
MMMMMD10D9D8 (1st data byte) - D7 ~ D0 (2nd data byte) - Configuration byte
Note:
M is MSB of the data byte.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com